| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMFL2805S/KR Datasheet
# Example questions:
➢ What is the typical over-current limit behavior for dual output models, and how is it determined?
➢ What is the maximum case operating temperature for the smfl converters at full power?
➢ What are the recommended conditions for these pins if they are not being utilized in a circuit?
Okay, here's a summary of the information presented in the provided text, broken down into key areas:
1. Product Overview:
️· Product: SMFL Single and Dual DC-DC Converters
️· Input Voltage: 28 Volts
️· Power: 65 Watts
2. Model Number Options (Table 4 & References):
️· This table is used to determine specific model configurations, but it's not fully displayed in the text provided. It allows users to select specific options for the converter. (Refer to www.craneae.com/interpoint Page 5 of 15 for the full table.)
3. Operating Conditions (Table 5):
️· Lead Soldering Temperature: Max 300°C for 10 seconds.
️· Storage Temperature: -65°C to +150°C
️· Case Operating Temperature: -55°C to +125°C (full power), up to +135°C with derating.
️· ESD Rating: >8000V (Class 3B per MIL STD 883 Method 3015)
️· Isolation: 100 Megohms (input to output/case)
️· Input to Output Capacitance: ~150pF
️· Current Limit: 125% of rated current (for dual outputs, the *sum* of both outputs triggers this limit).
️· Under Voltage Lockout (UVLO): Turn-on voltage ~14.1V to 15.8V; Turn-off Voltage 11.6V to 14.0V.
️· Audio Rejection: 50dB
️· Synchronization: Specific frequency ranges and duty cycle information provided (Refer to Table 5 for detailed ranges and values).
️· Inhibit Pins: Two inhibit pins (INHIBIT 1 & INHIBIT 2) with specific voltage ranges for active low (disable) and active high (enable) states. External interface is recommended. (Refer to Table 5 for detailed ranges and values.)
4. Important Notes & Contact:
️· MTBF: For Mean Time Between Failures data, contact Applications Engineering at powerapps@crane-eg.com or +1 425-882-3100 option 7.
️· Notes 1, 2, and 3 detail specific characteristics and recommendations for usage.
Let me know if you would like a breakdown of a specific section or have any other questions.
1. Product Overview:
️· Product: SMFL Single and Dual DC-DC Converters
️· Input Voltage: 28 Volts
️· Power: 65 Watts
2. Model Number Options (Table 4 & References):
️· This table is used to determine specific model configurations, but it's not fully displayed in the text provided. It allows users to select specific options for the converter. (Refer to www.craneae.com/interpoint Page 5 of 15 for the full table.)
3. Operating Conditions (Table 5):
️· Lead Soldering Temperature: Max 300°C for 10 seconds.
️· Storage Temperature: -65°C to +150°C
️· Case Operating Temperature: -55°C to +125°C (full power), up to +135°C with derating.
️· ESD Rating: >8000V (Class 3B per MIL STD 883 Method 3015)
️· Isolation: 100 Megohms (input to output/case)
️· Input to Output Capacitance: ~150pF
️· Current Limit: 125% of rated current (for dual outputs, the *sum* of both outputs triggers this limit).
️· Under Voltage Lockout (UVLO): Turn-on voltage ~14.1V to 15.8V; Turn-off Voltage 11.6V to 14.0V.
️· Audio Rejection: 50dB
️· Synchronization: Specific frequency ranges and duty cycle information provided (Refer to Table 5 for detailed ranges and values).
️· Inhibit Pins: Two inhibit pins (INHIBIT 1 & INHIBIT 2) with specific voltage ranges for active low (disable) and active high (enable) states. External interface is recommended. (Refer to Table 5 for detailed ranges and values.)
4. Important Notes & Contact:
️· MTBF: For Mean Time Between Failures data, contact Applications Engineering at powerapps@crane-eg.com or +1 425-882-3100 option 7.
️· Notes 1, 2, and 3 detail specific characteristics and recommendations for usage.
| Part No. | SMFL2805S/KR |
| Manufacturer | INTERPOINT |
| Size | 332 Kbytes |
| Pages | 15 pages |
| Description | SMFL Single and Dual DC-DC Converters |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |