Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI1
Size887 Kbytes
Pages25 pages
DescriptionDual Differential Comparators
Datasheet SummaryAI
# LMx93, LM2903 Dual Differential Comparators

## Features
️· Single-Supply or Dual Supplies
️· Wide Range of Supply Voltage (2V to 36V)
️· Low Supply-Current Drain (0.4 mA Typical per Comparator)
️· Low Input Bias Current (25 nA Typical)
️· Low Input Offset Current (3 nA Typical - LM139)
️· Low Input Offset Voltage (2 mV Typical)
️· Common-Mode Input Voltage Range Includes Ground
️· Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage (±36V)
️· Low Output Saturation Voltage
️· Output Compatible With TTL, MOS, and CMOS

## Description
These devices consist of two independent voltage comparators designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is possible. Current drain is independent of the supply voltage. Outputs can be connected for wired-AND relationships.

## Device Information

Part Number Package Body Size (Nom)
LM193D, LM293D, LM393AD, LM2903D SOIC (8) 4.90 mm x 6.00 mm
LM293DGK, LM293ADGK, LM393DGK, LM393ADGK, LM2903DGK VSSOP (8) 3.00 mm x 5.00 mm
LM293P, LM393P, LM2903P PDIP (8) 9.50 mm × 6.30 mm
LM393PS, LM393APS, LM2903PS SO (8) 6.20 mm x 7.90 mm
LM393PW, LM393APW, LM2903PW TSSOP (8) 6.40 mm x 3.00 mm
LM193JG GDIP (8) 10.00 mm x 7.00 mm
LM193FK CQCC (8) 9.00 mm x 9.00 mm

## Specifications
️· Absolute Maximum Ratings: VCC = 36V, Input Voltage = -0.3 to 36V, Output Current = 20mA
️· Recommended Operating Conditions: VCC = 2-36V, Junction Temperature = -40 to 125°C
️· Electrical Characteristics (LMx93 @ VCC = 5V):
- Input Offset Voltage: 2-9 mV
- Input Offset Current: 3-25 nA
- Input Bias Current: -25 to -400 nA
- Supply Current: 0.8-2.5 mA
- Common-mode input-voltage range: 0 to VCC -1.5V or 2V.

## Pin Configuration
(See datasheet for visual pinout - 8-Pin SOIC, VSSOP, GDIP, PDIP, SO, or TSSOP, and 20-Pin CQCC)

## Applications
️· Chemical or Gas Sensor
️· Desktop PC
️· Motor Control (AC Induction)
️· Weigh Scale
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the typical input offset voltage (vio) for the lm293 at 25°c, with a supply voltage of 5v?➤ What is the typical supply current (icc) for the lm193 with an infinite load resistance (rl = ∞) and a supply voltage of 5v?➤ What is the maximum common-mode input voltage range for both the lm193 and lm293?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI1
    Size887 Kbytes
    Pages25 pages
    DescriptionDual Differential Comparators
    Datasheet Summary AI Expand summary
    # LMx93, LM2903 Dual Differential Comparators

    ## Features
    ️· Single-Supply or Dual Supplies
    ️· Wide Range of Supply Voltage (2V to 36V)
    ️· Low Supply-Current Drain (0.4 mA Typical per Comparator)
    ️· Low Input Bias Current (25 nA Typical)
    ️· Low Input Offset Current (3 nA Typical - LM139)
    ️· Low Input Offset Voltage (2 mV Typical)
    ️· Common-Mode Input Voltage Range Includes Ground
    ️· Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage (±36V)
    ️· Low Output Saturation Voltage
    ️· Output Compatible With TTL, MOS, and CMOS

    ## Description
    These devices consist of two independent voltage comparators designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is possible. Current drain is independent of the supply voltage. Outputs can be connected for wired-AND relationships.

    ## Device Information

    Part Number Package Body Size (Nom)
    LM193D, LM293D, LM393AD, LM2903D SOIC (8) 4.90 mm x 6.00 mm
    LM293DGK, LM293ADGK, LM393DGK, LM393ADGK, LM2903DGK VSSOP (8) 3.00 mm x 5.00 mm
    LM293P, LM393P, LM2903P PDIP (8) 9.50 mm × 6.30 mm
    LM393PS, LM393APS, LM2903PS SO (8) 6.20 mm x 7.90 mm
    LM393PW, LM393APW, LM2903PW TSSOP (8) 6.40 mm x 3.00 mm
    LM193JG GDIP (8) 10.00 mm x 7.00 mm
    LM193FK CQCC (8) 9.00 mm x 9.00 mm

    ## Specifications
    ️· Absolute Maximum Ratings: VCC = 36V, Input Voltage = -0.3 to 36V, Output Current = 20mA
    ️· Recommended Operating Conditions: VCC = 2-36V, Junction Temperature = -40 to 125°C
    ️· Electrical Characteristics (LMx93 @ VCC = 5V):
    - Input Offset Voltage: 2-9 mV
    - Input Offset Current: 3-25 nA
    - Input Bias Current: -25 to -400 nA
    - Supply Current: 0.8-2.5 mA
    - Common-mode input-voltage range: 0 to VCC -1.5V or 2V.

    ## Pin Configuration
    (See datasheet for visual pinout - 8-Pin SOIC, VSSOP, GDIP, PDIP, SO, or TSSOP, and 20-Pin CQCC)

    ## Applications
    ️· Chemical or Gas Sensor
    ️· Desktop PC
    ️· Motor Control (AC Induction)
    ️· Weigh Scale