| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SSF2122E Datasheet
# Example questions:
➢ What is the maximum continuous source current (is) for the body diode?
➢ What package type is available for the ssf2122e mosfet?
➢ What temperature range is used for the high temperature reverse bias (htrb) test?
1. Product Overview
️· Type: N-Channel MOSFET
️· Application: Designed for general purpose applications
️· Marking: Device is marked "2122E"
2. Key Features & Electrical Characteristics
️· Voltage Ratings:
- VDS (Drain-Source Voltage): 20V
- VGSS (Gate-Source Voltage): -8V to +8V
️· Current Ratings:
- ID (Continuous Drain Current): 7A (calculated based on junction temperature)
- ISM (Continuous Source Current, Body Diode): 7A
️· Resistance:
- RDS(on) (Drain-Source On-Resistance): (Refer to output characteristics graph)
️· Capacitance:
- Ciss (Input Capacitance): 681 pF
️· Switching Performance:
- Turn-on/off times and rise/fall times are specified (e.g., td(on) = 5.3 ns)
3. Thermal Characteristics
️· Maximum Junction Temperature: 150°C (used for calculating continuous drain current)
️· Thermal Resistance (RθJA): (Refer to note in characteristics section for value)
4. Mechanical Details
️· Package: DFN 3x3-8L (detailed dimensions provided in a table)
️· Pinout: (Implied by package dimensions - refer to original datasheet)
5. Reliability Testing
️· HTRB (High Temperature Reverse Bias): Tested at various temperatures and reverse voltages for specific durations.
️· HTGB (High Temperature Gate Bias): Tested at a specific gate voltage and temperature for specific durations.
- Sample sizes noted
Important Notes from the Datasheet:
️· The continuous drain current is calculated based on the maximum allowable junction temperature.
️· Repetitive rating is pulse-width limited by maximum junction temperature.
️· Datasheet contains graphs and tables that provide detailed information on: Output Characteristics, Transfer Characteristics, Gate-Source Cut-off Voltage, Drain-to-Source Breakdown Voltage vs. Temperature, Normalized On-Resistance vs. Case Temperature, Typical Capacitance vs. Drain-to-Source Voltage, Maximum Drain Current vs. Case Temperature, Forward Current vs. Diode Forward Voltage, and Gate-Charge Characteristics.
1. Product Overview
️· Type: N-Channel MOSFET
️· Application: Designed for general purpose applications
️· Marking: Device is marked "2122E"
2. Key Features & Electrical Characteristics
️· Voltage Ratings:
- VDS (Drain-Source Voltage): 20V
- VGSS (Gate-Source Voltage): -8V to +8V
️· Current Ratings:
- ID (Continuous Drain Current): 7A (calculated based on junction temperature)
- ISM (Continuous Source Current, Body Diode): 7A
️· Resistance:
- RDS(on) (Drain-Source On-Resistance): (Refer to output characteristics graph)
️· Capacitance:
- Ciss (Input Capacitance): 681 pF
️· Switching Performance:
- Turn-on/off times and rise/fall times are specified (e.g., td(on) = 5.3 ns)
3. Thermal Characteristics
️· Maximum Junction Temperature: 150°C (used for calculating continuous drain current)
️· Thermal Resistance (RθJA): (Refer to note in characteristics section for value)
4. Mechanical Details
️· Package: DFN 3x3-8L (detailed dimensions provided in a table)
️· Pinout: (Implied by package dimensions - refer to original datasheet)
5. Reliability Testing
️· HTRB (High Temperature Reverse Bias): Tested at various temperatures and reverse voltages for specific durations.
️· HTGB (High Temperature Gate Bias): Tested at a specific gate voltage and temperature for specific durations.
- Sample sizes noted
Important Notes from the Datasheet:
️· The continuous drain current is calculated based on the maximum allowable junction temperature.
️· Repetitive rating is pulse-width limited by maximum junction temperature.
️· Datasheet contains graphs and tables that provide detailed information on: Output Characteristics, Transfer Characteristics, Gate-Source Cut-off Voltage, Drain-to-Source Breakdown Voltage vs. Temperature, Normalized On-Resistance vs. Case Temperature, Typical Capacitance vs. Drain-to-Source Voltage, Maximum Drain Current vs. Case Temperature, Forward Current vs. Diode Forward Voltage, and Gate-Charge Characteristics.
| Part No. | SSF2122E |
| Manufacturer | GOOD-ARK |
| Size | 1Mb |
| Pages | 8 pages |
| Description | 20V Dual N-Channel MOSFET |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |