Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC10E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EC10E Datasheet

  • # Example questions: ➢ The document mentions applicability to all products in a series is denoted by '●' and some products by '○'. what does this distinction signify regarding automotive applications?
    ➢ What are the recommended maximum tip temperature and soldering time for manual soldering of these encoders?
    ➢ What are the maximum and minimum operating currents for encoders utilizing a resistive load?

  • Part No.EC10E
    ManufacturerALPS
    Size878 Kbytes
    Pages6 pages
    DescriptionInsulated shaft type with a wide variety of applications
    Datasheet Summary with AI

    1. Product Overview: Encoders

    ️· What they are: The document is about encoders, likely rotary encoders, used in various applications.
    ️· Key Features: They offer different configurations, switch options (with push-on functionality), and are available for various operating conditions (voltage, current, insulation).
    ️· Applications: Automotive applications are specifically mentioned with potential temperature range adjustments possible upon request.

    2. Technical Specifications (Key Table Summary)

    This is the most complex section, but here's a summary of the core details presented in the long table. The table details specifications across several encoder series, but here are the general parameters provided:

    ️· Operating Voltage/Current: Typically 5V DC, with varying maximum current ratings (0.5mA to 10mA, depending on the series).
    ️· Insulation Resistance: Generally 10MΩ to 100MΩ minimum.
    ️· Voltage Proof: Usually 50V AC for 1 minute.
    ️· Rotational Torque: Ranges from around 3mN.m to 60mN.m depending on the series.
    ️· Detent Torque: Varies, typically 3 to 20mN.m.
    ️· Push-Pull Strength: Usually 80-100N
    ️· Switch Options (where applicable):
    - Type: Single pole, single throw (push-on).
    - Operating Force: Ranges from 3N to 6N (plus or minus values).
    - Contact Resistance: Less than 100mΩ initially and less than 200mΩ after operating life.
    - Operating Life: 30,000 cycles.

    3. Soldering Information

    This section provides guidelines for different soldering methods:

    ️· Manual Soldering: Maximum tip temperature of 350°C with a soldering time of 3 seconds max.
    ️· Dip Soldering: Includes preheating steps and dip soldering temperatures/times.
    ️· Reflow Soldering: Provides example temperature profiles, highlighting maximum temperatures at terminals, and cautions about board material and encoder surface temperatures. Important note: Suggests using a hot air reflow oven or a combination of infrared and hot air.

    4. Cautions & Notes

    ️· Automotive Temperature Range: The operating temperature range for automotive applications can be adjusted upon request.
    ️· Applicability: A notation (● and ○) is used to indicate the applicability of features to all or some products within a series.

    5. Page References

    ️· References to other pages within the document (e.g., 287, 307) for additional details on soldering conditions, cautions, etc.

    Overall Impression:

    1. Product Overview: Encoders

    ️· What they are: The document is about encoders, likely rotary encoders, used in various applications.
    ️· Key Features: They offer different configurations, switch options (with push-on functionality), and are available for various operating conditions (voltage, current, insulation).
    ️· Applications: Automotive applications are specifically mentioned with potential temperature range adjustments possible upon request.

    2. Technical Specifications (Key Table Summary)

    This is the most complex section, but here's a summary of the core details presented in the long table. The table details specifications across several encoder series, but here are the general parameters provided:

    ️· Operating Voltage/Current: Typically 5V DC, with varying maximum current ratings (0.5mA to 10mA, depending on the series).
    ️· Insulation Resistance: Generally 10MΩ to 100MΩ minimum.
    ️· Voltage Proof: Usually 50V AC for 1 minute.
    ️· Rotational Torque: Ranges from around 3mN.m to 60mN.m depending on the series.
    ️· Detent Torque: Varies, typically 3 to 20mN.m.
    ️· Push-Pull Strength: Usually 80-100N
    ️· Switch Options (where applicable):
    - Type: Single pole, single throw (push-on).
    - Operating Force: Ranges from 3N to 6N (plus or minus values).
    - Contact Resistance: Less than 100mΩ initially and less than 200mΩ after operating life.
    - Operating Life: 30,000 cycles.

    3. Soldering Information

    This section provides guidelines for different soldering methods:

    ️· Manual Soldering: Maximum tip temperature of 350°C with a soldering time of 3 seconds max.
    ️· Dip Soldering: Includes preheating steps and dip soldering temperatures/times.
    ️· Reflow Soldering: Provides example temperature profiles, highlighting maximum temperatures at terminals, and cautions about board material and encoder surface temperatures. Important note: Suggests using a hot air reflow oven or a combination of infrared and hot air.

    4. Cautions & Notes

    ️· Automotive Temperature Range: The operating temperature range for automotive applications can be adjusted upon request.
    ️· Applicability: A notation (● and ○) is used to indicate the applicability of features to all or some products within a series.

    5. Page References

    ️· References to other pages within the document (e.g., 287, 307) for additional details on soldering conditions, cautions, etc.

    Overall Impression:

    Part No.EC10E
    ManufacturerALPS
    Size878 Kbytes
    Pages6 pages
    DescriptionInsulated shaft type with a wide variety of applications