| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about FA3864X Datasheet
# Example questions:
➢ What is the operating temperature range specified for all listed led models?
➢ What is the maximum forward current permitted for the dg3804x led?
➢ What is the typical luminous intensity in mcd for the efy3864x led?
# D_3804X / F_3864X Series
## Features
· High Brightness Color LEDs
· 3mm Flush Mount Round Shape
· Available in Blue, Blue Green, Green, Yellow, Orange, and Red
· Water Clear or Pastel Lens Colors
## Absolute Maximum Ratings
| Parameter | Value | Unit |
|---|---|---|
| Power Dissipation | 100-125 | mW |
| Forward Current | 25-50 | mA |
| Peak Forward Current | 60-200 | mA |
| Reverse Voltage | 5 | V |
| Operating Temperature | -40 to +85 | °C |
| Storage Temperature | -40 to +100 | °C |
| Derating (DC) | 0.33-0.67 | mA/°C |
## Electro-Optical Characteristics (Ta=25°C)
| Parameter | Blue (DB3804X) | Blue Green (DC3804X) | Green (DG3804X) | Yellow (EFY3864X) | Orange (EFA3864X) | Red (EFR3864X) | Unit |
|---|---|---|---|---|---|---|---|
| Luminous Intensity (IV) | 60-120 | 240-480 | 240-480 | 350-500 | 400-560 | 300-440 | mcd |
| Peak Wavelength (lp) | 467 | 502 | 522 | 592 | 609 | 635 | nm |
| Forward Voltage (VF) | 3.5-4.0 | 3.5-4.0 | 3.5-4.0 | 1.9-2.4 | 1.9-2.4 | 1.9-2.4 | V |
| Viewing Angle | 50° | 50° | 50° | 70° | 70° | 70° | Deg. |
## Outline Dimensions
· Unit: mm (Detailed dimensions not provided in the summary)
## Operation Current Derating Chart
· Provides data for derating the current based on temperature. (Chart details not included in summary)
## Spatial Distribution
· Spatial distribution varies by color (Illustrative diagrams available in source.)
# D_3804X / F_3864X Series
## Features
· High Brightness Color LEDs
· 3mm Flush Mount Round Shape
· Available in Blue, Blue Green, Green, Yellow, Orange, and Red
· Water Clear or Pastel Lens Colors
## Absolute Maximum Ratings
| Parameter | Value | Unit |
|---|---|---|
| Power Dissipation | 100-125 | mW |
| Forward Current | 25-50 | mA |
| Peak Forward Current | 60-200 | mA |
| Reverse Voltage | 5 | V |
| Operating Temperature | -40 to +85 | °C |
| Storage Temperature | -40 to +100 | °C |
| Derating (DC) | 0.33-0.67 | mA/°C |
| Parameter | Blue (DB3804X) | Blue Green (DC3804X) | Green (DG3804X) | Yellow (EFY3864X) | Orange (EFA3864X) | Red (EFR3864X) | Unit |
|---|---|---|---|---|---|---|---|
| Luminous Intensity (IV) | 60-120 | 240-480 | 240-480 | 350-500 | 400-560 | 300-440 | mcd |
| Peak Wavelength (lp) | 467 | 502 | 522 | 592 | 609 | 635 | nm |
| Forward Voltage (VF) | 3.5-4.0 | 3.5-4.0 | 3.5-4.0 | 1.9-2.4 | 1.9-2.4 | 1.9-2.4 | V |
| Viewing Angle | 50° | 50° | 50° | 70° | 70° | 70° | Deg. |
| Part No. | FA3864X |
| Manufacturer | STANLEY |
| Size | 255 Kbytes |
| Pages | 1 page |
| Description | SINGLE COLOR LED |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |