Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG4J Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RG4J Datasheet

  • # Example questions: ➢ What is the maximum reverse recovery time for the rg4a diode?
    ➢ What is the typical junction capacitance value for the rg4j diode, as specified in the datasheet?
    ➢ What policy does vishay semiconductor gmbh have regarding the use of ozone-depleting substances in its products?

  • Part No.RG4J
    ManufacturerVISHAY
    Size95 Kbytes
    Pages5 pages
    DescriptionFast Sinterglass Diode
    Datasheet Summary with AI

    # RG4A to RG4J Fast Sinterglass Diode
    ## Features
    · High temperature metallurgically bonded construction
    · Cavity-free glass passivated junction
    · Fast switching for high efficiency
    · 3.0 ampere operation at Tamb = 50 °C (no thermal runaway)
    · Hermetically sealed package

    ## Mechanical Data
    · Case: Sintered glass case, G4
    · Terminals: Solder plated axial leads (solderable per MIL-STD-750, Method 2026)
    · Mounting Position: Any
    · Weight: 1040 mg

    ## Parts Table
    · RG4A: VRRM = 50 V
    · RG4B: VRRM = 100 V
    · RG4D: VRRM = 200 V
    · RG4G: VRRM = 400 V
    · RG4J: VRRM = 600 V


    ## Absolute Maximum Ratings (Tamb = 25 °C)
    · Maximum average forward rectified current: 3.0 A @ 55 °C, 0.375" lead length
    · Peak forward surge current: 100 A (8.3 ms single half sine-wave)
    · Maximum average reverse current: 2.0 µA @ 25 °C, 100 µA @ 100 °C
    · Operating/Storage Temperature: -55 to +175 °C

    ## Thermal Resistance (Tamb = 25 °C)
    · RθJA: 22 K/W (0.375" lead length, both leads attached to heat sink)

    ## Electrical Characteristics (Tamb = 25 °C)
    · Maximum instantaneous forward voltage: 1.3 V (IF = 3.0 A)
    · Maximum reverse current: 5.0 µA (VR = VRRM)
    · Maximum reverse recovery time: 150 ns (RG4A, RG4B, RG4D, RG4G), 250 ns (RG4J) - (IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A)
    · Typical junction capacitance: 50 pF (VR = 4.0 V, f = 1 MHz)

    ## Environmental Policy
    · Manufactured without ozone depleting substances.
    · Compliant with Montreal Protocol, London Amendments, Clean Air Act, and Council Decisions 88/540/EEC and 91/690/EEC.

    # RG4A to RG4J Fast Sinterglass Diode
    ## Features
    · High temperature metallurgically bonded construction
    · Cavity-free glass passivated junction
    · Fast switching for high efficiency
    · 3.0 ampere operation at Tamb = 50 °C (no thermal runaway)
    · Hermetically sealed package

    ## Mechanical Data
    · Case: Sintered glass case, G4
    · Terminals: Solder plated axial leads (solderable per MIL-STD-750, Method 2026)
    · Mounting Position: Any
    · Weight: 1040 mg

    ## Parts Table
    · RG4A: VRRM = 50 V
    · RG4B: VRRM = 100 V
    · RG4D: VRRM = 200 V
    · RG4G: VRRM = 400 V
    · RG4J: VRRM = 600 V

    ## Absolute Maximum Ratings (Tamb = 25 °C)
    · Maximum average forward rectified current: 3.0 A @ 55 °C, 0.375" lead length
    · Peak forward surge current: 100 A (8.3 ms single half sine-wave)
    · Maximum average reverse current: 2.0 µA @ 25 °C, 100 µA @ 100 °C
    · Operating/Storage Temperature: -55 to +175 °C

    ## Thermal Resistance (Tamb = 25 °C)
    · RθJA: 22 K/W (0.375" lead length, both leads attached to heat sink)

    ## Electrical Characteristics (Tamb = 25 °C)
    · Maximum instantaneous forward voltage: 1.3 V (IF = 3.0 A)
    · Maximum reverse current: 5.0 µA (VR = VRRM)
    · Maximum reverse recovery time: 150 ns (RG4A, RG4B, RG4D, RG4G), 250 ns (RG4J) - (IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A)
    · Typical junction capacitance: 50 pF (VR = 4.0 V, f = 1 MHz)

    ## Environmental Policy
    · Manufactured without ozone depleting substances.
    · Compliant with Montreal Protocol, London Amendments, Clean Air Act, and Council Decisions 88/540/EEC and 91/690/EEC.

    Part No.RG4J
    ManufacturerVISHAY
    Size95 Kbytes
    Pages5 pages
    DescriptionFast Sinterglass Diode