Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGMRX10D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XGMRX10D Datasheet

  • # Example questions: ➢ What is the maximum forward current that can be applied to the red segment of the xgmrx10d bar graph array?
    ➢ What is the typical luminous intensity of the xgmrx10d when a forward current of 10ma is applied?
    ➢ Within what temperature range can the xgmrx10d be safely operated?

  • Part No.XGMRX10D
    ManufacturerSUNLED
    Size214 Kbytes
    Pages3 pages
    DescriptionUniform light disbursement
    Datasheet Summary with AI

    # XGMRX10D 10-Segment Bar Graph Array

    ## Features
    · Robust package
    · Uniform light disbursement
    · Ideal for backlighting logos/icons
    · Excellent for flush mounting
    · Standard configuration: Gray face with white segments
    · RoHS compliant

    ## Absolute Maximum Ratings
    Parameter Value Unit
    Reverse Voltage 5 V
    Forward Current 30 mA
    Forward Current (Peak) 155 mA
    Power Dissipation 75 mW
    Operating Temperature -40 ~ +85 °C
    Storage Temperature -40 ~ +85 °C
    Lead Solder Temperature 260 °C (for 3-5 seconds)

    ## Operating Characteristics (TA=25°C)
    Parameter Value Unit
    Forward Voltage (Typ. IF=10mA) 1.8 V
    Forward Voltage (Max. IF=10mA) 2.5 V
    Reverse Current (Max. VR=5V) 10 uA
    Peak Emission Wavelength (Typ. IF=10mA) 655* nm
    Dominant Emission Wavelength (Typ. IF=10mA) 640* nm
    Spectral Line Full Width at Half Maximum (Typ. IF=10mA) 20 nm
    Capacitance (VF=0V, f=1MHz) 45 pF

    ## Part Information
    · Part Number: XGMRX10D
    · Emitting Color: Red
    · Emitting Material: GaAlAs

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity/Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Terms of Use
    · Data is statistical and for technical reference only.
    · Specifications subject to change without notice.
    · User assumes all risks when operating outside specified conditions.
    · Intended for electronic applications where life safety is not dependent on the LED.

    # XGMRX10D 10-Segment Bar Graph Array

    ## Features
    · Robust package
    · Uniform light disbursement
    · Ideal for backlighting logos/icons
    · Excellent for flush mounting
    · Standard configuration: Gray face with white segments
    · RoHS compliant

    ## Absolute Maximum Ratings
    Parameter Value Unit
    Reverse Voltage 5 V
    Forward Current 30 mA
    Forward Current (Peak) 155 mA
    Power Dissipation 75 mW
    Operating Temperature -40 ~ +85 °C
    Storage Temperature -40 ~ +85 °C
    Lead Solder Temperature 260 °C (for 3-5 seconds)

    ## Operating Characteristics (TA=25°C)
    Parameter Value Unit
    Forward Voltage (Typ. IF=10mA) 1.8 V
    Forward Voltage (Max. IF=10mA) 2.5 V
    Reverse Current (Max. VR=5V) 10 uA
    Peak Emission Wavelength (Typ. IF=10mA) 655* nm
    Dominant Emission Wavelength (Typ. IF=10mA) 640* nm
    Spectral Line Full Width at Half Maximum (Typ. IF=10mA) 20 nm
    Capacitance (VF=0V, f=1MHz) 45 pF

    ## Part Information
    · Part Number: XGMRX10D
    · Emitting Color: Red
    · Emitting Material: GaAlAs

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity/Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Terms of Use
    · Data is statistical and for technical reference only.
    · Specifications subject to change without notice.
    · User assumes all risks when operating outside specified conditions.
    · Intended for electronic applications where life safety is not dependent on the LED.

    Part No.XGMRX10D
    ManufacturerSUNLED
    Size214 Kbytes
    Pages3 pages
    DescriptionUniform light disbursement