Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XVG2LUR11D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about XVG2LUR11D Datasheet

  • # Example questions: ➢ What is the maximum forward current, with a 1/10 duty cycle and 0.1ms pulse width, that the xvg2lur11d can withstand?
    ➢ What is the recommended relative humidity range for assembly in esd-protected work areas?
    ➢ If sorting is required based on forward voltage, what is the typical accuracy that can be expected?

  • Part No.XVG2LUR11D
    ManufacturerSUNLED
    Size230 Kbytes
    Pages3 pages
    DescriptionCustom color combinations available
    Datasheet Summary with AI

    # XVG2LUR11D 3mm Two Position CBI Housing

    ## Features
    · Housing Material: Type 66 Nylon
    · Casing Color: Black
    · UL Rating: 94V-0
    · RoHS Compliant

    ## Absolute Maximum Ratings (TA=25°C)
    · Reverse Voltage (VR): 5V
    · Forward Current (IF): 30mA
    · Peak Forward Current (iFS): 160mA (0.1ms pulse width, 1/10 duty cycle)
    · Power Dissipation (PD): 75mW
    · Operating Temperature (TA): -40 to +85°C
    · Storage Temperature (Tstg): -40 to +85°C
    · Lead Solder Temperature: 260°C for 3/5 seconds (depending on distance from package base)

    ## Operating Characteristics (TA=25°C)
    · Forward Voltage (VF): 1.9V (Typ.), 2.5V (Max.) @ IF=10mA
    · Reverse Current (IR): 10uA (Max.) @ VR=5V
    · Peak Emission Wavelength (λP): 627nm (Typ.) @ IF=10mA
    · Dominant Emission Wavelength (λD): 617nm (Typ.) @ IF=10mA
    · Full Width at Half Maximum (△λ): 45nm (Typ.)
    · Capacitance (C): 15pF (Typ.) @ VF=0V, f=1MHz

    ## Part Number Details
    · Part Number: XVG2LUR11D
    · Emitting Color: Red
    · Emitting Material: GaAsP/GaP
    · Lens Color: Red Diffused
    · Viewing Angle: 50°
    · Luminous Intensity: Value based on CIE127-2007 standards

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity/Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Terms of Use
    · Data is statistical and for reference only.
    · Specifications are subject to change.
    · Product should be operated within datasheet limits.
    · Not intended for life-dependent applications.

    # XVG2LUR11D 3mm Two Position CBI Housing

    ## Features
    · Housing Material: Type 66 Nylon
    · Casing Color: Black
    · UL Rating: 94V-0
    · RoHS Compliant

    ## Absolute Maximum Ratings (TA=25°C)
    · Reverse Voltage (VR): 5V
    · Forward Current (IF): 30mA
    · Peak Forward Current (iFS): 160mA (0.1ms pulse width, 1/10 duty cycle)
    · Power Dissipation (PD): 75mW
    · Operating Temperature (TA): -40 to +85°C
    · Storage Temperature (Tstg): -40 to +85°C
    · Lead Solder Temperature: 260°C for 3/5 seconds (depending on distance from package base)

    ## Operating Characteristics (TA=25°C)
    · Forward Voltage (VF): 1.9V (Typ.), 2.5V (Max.) @ IF=10mA
    · Reverse Current (IR): 10uA (Max.) @ VR=5V
    · Peak Emission Wavelength (λP): 627nm (Typ.) @ IF=10mA
    · Dominant Emission Wavelength (λD): 617nm (Typ.) @ IF=10mA
    · Full Width at Half Maximum (△λ): 45nm (Typ.)
    · Capacitance (C): 15pF (Typ.) @ VF=0V, f=1MHz

    ## Part Number Details
    · Part Number: XVG2LUR11D
    · Emitting Color: Red
    · Emitting Material: GaAsP/GaP
    · Lens Color: Red Diffused
    · Viewing Angle: 50°
    · Luminous Intensity: Value based on CIE127-2007 standards

    ## Sorting Accuracy
    · Wavelength: +/- 1nm
    · Luminous Intensity/Flux: +/- 15%
    · Forward Voltage: +/- 0.1V

    ## Terms of Use
    · Data is statistical and for reference only.
    · Specifications are subject to change.
    · Product should be operated within datasheet limits.
    · Not intended for life-dependent applications.

    Part No.XVG2LUR11D
    ManufacturerSUNLED
    Size230 Kbytes
    Pages3 pages
    DescriptionCustom color combinations available