Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7805J Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM7805J_17 Datasheet

  • # Example questions: ➢ What are the minimum and maximum acceptable storage temperatures (tstg) for this lm7805j regulator?
    ➢ What is the typical quiescent current (iq) of this regulator at a junction temperature of +25°c?
    ➢ How does the output voltage (vo) change when the input voltage (vi) varies from 8v to 25v, as indicated by the line regulation specification?

  • Part No.LM7805J_17
    ManufacturerTGS
    Size239 Kbytes
    Pages1 page
    Description3-Terminal 1A Positive Voltage Regulator
    Datasheet Summary with AI

    # LM7805J Voltage Regulator

    ## General Description
    · 3-terminal 1A positive voltage regulator
    · Available in TO-220 package
    · Internal current limiting, thermal shut down, and safe operating area protection.
    · Fixed output voltages available.
    · Can be used with external components for adjustable voltages/currents.

    ## Electrical Characteristics
    · Input Voltage (VI): 35V
    · Output Voltage (VO): 5.0V
    · Peak Current (IPK): 2.2A
    · Operating Temperature Range (TOPR): 0~125 °C
    · Storage Temperature Range (TSTG): -65~150 °C
    · Output Voltage (VO): 4.85 - 5.0 - 5.15V (VI = 8V to 20V)
    · Line Regulation (Regline):
    - VO = 8V to 25V: Max 100mV (Typ 4.0mV)
    - VI = 8V to 12V: Max 50mV (Typ 1.6mV)
    · Load Regulation (Regload):

    - IO = 5.0mA to 1.5A: Max 100mV (Typ 9mV)
    - IO = 250mA to 750mA: Max 50mV (Typ 4mV)
    · Quiescent Current (IQ): 5-8 mA (TJ = +25°C)
    · Ripple Rejection (RR): Min 62dB (f = 120Hz, VO = 8V to 18V)
    · Dropout Voltage (VDrop): 2V (IO = 1A, TJ = +25°C)
    · Output Resistance (rO): 0.015 Ω (f = 1 kHz)
    · Short Circuit Current (ISC): 230mA (VI = 35V, TA = +25°C)

    ## Pin Configuration
    · 1: IN (Input)
    · 2: GND (Ground)
    · 3: OUT (Output)

    # LM7805J Voltage Regulator

    ## General Description
    · 3-terminal 1A positive voltage regulator
    · Available in TO-220 package
    · Internal current limiting, thermal shut down, and safe operating area protection.
    · Fixed output voltages available.
    · Can be used with external components for adjustable voltages/currents.

    ## Electrical Characteristics
    · Input Voltage (VI): 35V
    · Output Voltage (VO): 5.0V
    · Peak Current (IPK): 2.2A
    · Operating Temperature Range (TOPR): 0~125 °C
    · Storage Temperature Range (TSTG): -65~150 °C
    · Output Voltage (VO): 4.85 - 5.0 - 5.15V (VI = 8V to 20V)
    · Line Regulation (Regline):
    - VO = 8V to 25V: Max 100mV (Typ 4.0mV)
    - VI = 8V to 12V: Max 50mV (Typ 1.6mV)
    · Load Regulation (Regload):
    - IO = 5.0mA to 1.5A: Max 100mV (Typ 9mV)
    - IO = 250mA to 750mA: Max 50mV (Typ 4mV)
    · Quiescent Current (IQ): 5-8 mA (TJ = +25°C)
    · Ripple Rejection (RR): Min 62dB (f = 120Hz, VO = 8V to 18V)
    · Dropout Voltage (VDrop): 2V (IO = 1A, TJ = +25°C)
    · Output Resistance (rO): 0.015 Ω (f = 1 kHz)
    · Short Circuit Current (ISC): 230mA (VI = 35V, TA = +25°C)

    ## Pin Configuration
    · 1: IN (Input)
    · 2: GND (Ground)
    · 3: OUT (Output)

    Part No.LM7805J_17
    ManufacturerTGS
    Size239 Kbytes
    Pages1 page
    Description3-Terminal 1A Positive Voltage Regulator