Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECF800 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ECF800 Datasheet

  • # Example questions: ➢ What is the typical supply voltage for the ecf800 receiver?
    ➢ What interface options does the ecf800 receiver support for outputting data?
    ➢ What is the rssi range of the ecf800 receiver when agc is turned on?

  • Part No.ECF800
    ManufacturerE-CMOS
    Size622 Kbytes
    Pages8 pages
    Description315/433MHz OOK/ASK Receiver SOC for Home Automation
    Datasheet Summary with AI

    1. Overview & Function

    ️· Chip Type: 315/433 MHz OOK/ASK Receiver SOC (System on a Chip)
    ️· Application: Designed for wireless remote control systems, particularly those using ASK/OOK modulation (common in keypad remotes, etc.).
    ️· Integration: Combines RF receiver, baseband processing, and various output interfaces in a single chip.
    ️· Compatibility: Designed to work with FAVEPC's RFID RC air interface protocol.

    2. Key Electrical Characteristics

    ️· Operating Frequency: 315 MHz or 433.92 MHz (selectable)
    ️· Sensitivity:
    - 315 MHz: -110 dBm to -115 dBm (typical)
    - 433.92 MHz: -110 dBm to -115 dBm (typical)
    ️· Image Rejection: 25 dB (minimum)
    ️· IF Bandwidth: 300 kHz
    ️· LO Leakage: -80 dBm (minimum)
    ️· Data Settling Time: 3.5-17ms (dependent on external capacitor)
    ️· Power Supply: 3V to 5.5V
    ️· Supply Current: 11-12mA (typical, depends on frequency)
    ️· Shutdown Current: 1 μA

    3. Features & Functionality

    ️· Voltage Regulator: Integrated for stable operation.
    ️· RF Front-End: LNA (Low Noise Amplifier) and Mixer with isolation.
    ️· PLL: Phase-Locked Loop for frequency stabilization.
    ️· Data Filter: 2nd-order Sallen-key filter.
    ️· RSSI (Received Signal Strength Indicator): Provides a DC output proportional to signal strength, used for AGC and demodulation.
    ️· AGC (Automatic Gain Control): Adjusts receiver gain based on RSSI.
    ️· Output Interfaces:
    - IR (Infrared): Supports NEC, RC6, and RC5 protocols.
    - UART (Universal Asynchronous Receiver/Transmitter): Standard serial communication (9600 baud, 8 data bits, 1 stop bit, no parity).
    - PWM (Pulse Width Modulation): Three PWM output channels with adjustable step values.

    4. Absolute Maximum Ratings

    ️· Storage Temperature: -60°C to +150°C
    ️· Power Supply Voltage: -0.1V to +5.5V
    ️· Electrostatic Discharge: 1 kV

    5. Mechanical Information

    ️· Package: QFN (Quad Flat No-Lead) 32-pin (Specific dimensions are not provided in the provided excerpt but would be available in a detailed drawing).

    6. Important Notes & Considerations

    ️· External Components: The datasheet emphasizes the need for external components, especially capacitors, to optimize performance (particularly settling time).
    ️· Antenna Matching: Proper antenna matching to the RF front-end is critical for best results. The ANT pin requires a matching network.
    ️· PCB Layout: Careful PCB layout is important to minimize noise and ensure stable operation.

    1. Overview & Function

    ️· Chip Type: 315/433 MHz OOK/ASK Receiver SOC (System on a Chip)
    ️· Application: Designed for wireless remote control systems, particularly those using ASK/OOK modulation (common in keypad remotes, etc.).
    ️· Integration: Combines RF receiver, baseband processing, and various output interfaces in a single chip.
    ️· Compatibility: Designed to work with FAVEPC's RFID RC air interface protocol.

    2. Key Electrical Characteristics

    ️· Operating Frequency: 315 MHz or 433.92 MHz (selectable)
    ️· Sensitivity:
    - 315 MHz: -110 dBm to -115 dBm (typical)
    - 433.92 MHz: -110 dBm to -115 dBm (typical)
    ️· Image Rejection: 25 dB (minimum)
    ️· IF Bandwidth: 300 kHz
    ️· LO Leakage: -80 dBm (minimum)
    ️· Data Settling Time: 3.5-17ms (dependent on external capacitor)
    ️· Power Supply: 3V to 5.5V
    ️· Supply Current: 11-12mA (typical, depends on frequency)
    ️· Shutdown Current: 1 μA

    3. Features & Functionality

    ️· Voltage Regulator: Integrated for stable operation.
    ️· RF Front-End: LNA (Low Noise Amplifier) and Mixer with isolation.
    ️· PLL: Phase-Locked Loop for frequency stabilization.
    ️· Data Filter: 2nd-order Sallen-key filter.
    ️· RSSI (Received Signal Strength Indicator): Provides a DC output proportional to signal strength, used for AGC and demodulation.
    ️· AGC (Automatic Gain Control): Adjusts receiver gain based on RSSI.
    ️· Output Interfaces:
    - IR (Infrared): Supports NEC, RC6, and RC5 protocols.
    - UART (Universal Asynchronous Receiver/Transmitter): Standard serial communication (9600 baud, 8 data bits, 1 stop bit, no parity).
    - PWM (Pulse Width Modulation): Three PWM output channels with adjustable step values.

    4. Absolute Maximum Ratings

    ️· Storage Temperature: -60°C to +150°C
    ️· Power Supply Voltage: -0.1V to +5.5V
    ️· Electrostatic Discharge: 1 kV

    5. Mechanical Information

    ️· Package: QFN (Quad Flat No-Lead) 32-pin (Specific dimensions are not provided in the provided excerpt but would be available in a detailed drawing).

    6. Important Notes & Considerations

    ️· External Components: The datasheet emphasizes the need for external components, especially capacitors, to optimize performance (particularly settling time).
    ️· Antenna Matching: Proper antenna matching to the RF front-end is critical for best results. The ANT pin requires a matching network.
    ️· PCB Layout: Careful PCB layout is important to minimize noise and ensure stable operation.

    Part No.ECF800
    ManufacturerE-CMOS
    Size622 Kbytes
    Pages8 pages
    Description315/433MHz OOK/ASK Receiver SOC for Home Automation