Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1430 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 1430 Datasheet

  • # Example questions: ➢ What is the maximum swr at a frequency of 10 ghz?
    ➢ What is the average power rating of the model 1430 at an ambient temperature of 125°c?
    ➢ What connector types are available for the model 1430?

  • Part No.1430
    ManufacturerAPITECH
    Size510 Kbytes
    Pages1 page
    DescriptionRugged injection molded connector
    Datasheet Summary with AI

    # Model 1430 Terminations & Loads (dc to 18.0 GHz)

    ## Features
    · Meets environmental requirements of MIL-D-39030.
    · Rugged injection molded connector.
    · 1 Kilowatt Peak Power (5 μsec pulse width; 2.5% duty cycle).
    · Convection Cooled

    ## Specifications
    · Nominal Impedance: 50 Ω
    · Frequency Range: dc to 18.0 GHz
    · Maximum SWR:
    - dc - 8 GHz: 1.15
    - 8 - 18 GHz: 1.30
    · Power Rating:
    - 50 watts average (at 25°C, derated to 5 watts at 125°C)
    - 1 kilowatt peak
    · Intermodulation (Model 1430-X-LIM Only): IM3 (Reflected) = -100 dBc @ 869 MHz/891 MHz, +43 dBm power each.
    · Temperature Range: -55°C to +125°C
    · Connector Options:

    - Type N (mates with MIL-C-39012) - Male (-4) or Female (-3)
    - 3.5mm (mates with SMA per MIL-C-39012, 2.92mm and other 3.5mm connectors) - Male (-2) or Female (-1)

    ## Model Number Description
    · Format: 1430 - X - LIM
    · -LIM: Indicates Low Intermodulation option.

    ## Dimensions (mm/inches)
    | DIM A | Connector Type |
    |---|---|
    | 13.2 (0.52) | 3.5mm female |
    | 14.0 (0.55) | 3.5mm male |
    | 18.3 (0.72) | N female |
    | 23.1 (0.91) | N male |

    # Model 1430 Terminations & Loads (dc to 18.0 GHz)

    ## Features
    · Meets environmental requirements of MIL-D-39030.
    · Rugged injection molded connector.
    · 1 Kilowatt Peak Power (5 μsec pulse width; 2.5% duty cycle).
    · Convection Cooled

    ## Specifications
    · Nominal Impedance: 50 Ω
    · Frequency Range: dc to 18.0 GHz
    · Maximum SWR:
    - dc - 8 GHz: 1.15
    - 8 - 18 GHz: 1.30
    · Power Rating:
    - 50 watts average (at 25°C, derated to 5 watts at 125°C)
    - 1 kilowatt peak
    · Intermodulation (Model 1430-X-LIM Only): IM3 (Reflected) = -100 dBc @ 869 MHz/891 MHz, +43 dBm power each.
    · Temperature Range: -55°C to +125°C
    · Connector Options:
    - Type N (mates with MIL-C-39012) - Male (-4) or Female (-3)
    - 3.5mm (mates with SMA per MIL-C-39012, 2.92mm and other 3.5mm connectors) - Male (-2) or Female (-1)

    ## Model Number Description
    · Format: 1430 - X - LIM
    · -LIM: Indicates Low Intermodulation option.

    ## Dimensions (mm/inches)
    DIM A Connector Type
    13.2 (0.52) 3.5mm female
    14.0 (0.55) 3.5mm male
    18.3 (0.72) N female
    23.1 (0.91) N male

    Part No.1430
    ManufacturerAPITECH
    Size510 Kbytes
    Pages1 page
    DescriptionRugged injection molded connector