Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE346-24 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE346-24 Datasheet

  • # Example questions: ➢ What is the maximum frequency this cable assembly is rated to operate at?
    ➢ How does the length tolerance of this cable assembly affect the specified 24-inch length?
    ➢ What materials are used for the outer conductor and coupling nut of the connectors?

  • Part No.PE346-24
    ManufacturerPASTERNACK
    Size428 Kbytes
    Pages5 pages
    DescriptionRF Cable Assemblies Technical Data Sheet
    Datasheet Summary with AI

    # PE346-24: TNC Male to TNC Male Right Angle Low Loss Test Cable

    ## Cable Specifications

    ️· Connectors: TNC Male (Connector 1), TNC Male Right Angle (Connector 2)
    ️· Cable Type: PE-P142LL
    ️· Length: 24 inches (609.6 mm) - Tolerance of 1.5% or ± 3/8”
    ️· Diameter: 1.134 inches (28.8 mm)
    ️· Weight: 0.0768 lbs (34.84 g)
    ️· Impedance: 50 Ohms
    ️· Dielectric Type: PTFE

    ## Electrical Performance

    ️· Frequency Range: DC to 18 GHz
    ️· VSWR: < 1.35:1
    ️· Velocity of Propagation: 83%
    ️· RF Shielding: > 95 dB
    ️· Insertion Loss (Typical): 0.045 dB @ 0.4 GHz, increasing to 0.166 dB @ 5 GHz
    ️· Power Handling (Max): Up to 1200 Watts @ 0.4 GHz, decreasing to 300 Watts @ 5 GHz (Power handling varies based on VSWR)

    ## Mechanical Features

    ️· Cable Jacket: FEP, Green
    ️· Shielding: 3 layers – Silver Plated Copper Tape, Aluminum Polyester, Silver Plated Copper Wire
    ️· Minimum Bend Radius: 1 inch (Repeated), 1.5 inches (Overall)

    ## Connector Details

    ️· Material & Plating (Both Connectors): Beryllium Copper, Gold plated
    ️· Outer Conductor Material & Plating: Passivated Stainless Steel
    ️· Hex Size: 9/16 Inch (Both Connectors)
    ️· Specification: MIL-STD-348, Figure 313-3

    ## Environmental

    ️· Operating Temperature Range: -55°C to +125°C
    ️· Compliance: RoHS compliant

    ## Ordering Information

    ️· Part Number Configuration: PE346 - xx uu
    - xx = Length
    - uu = Unit of Measure (cm = Centimeters, <blank> = Inches)
    ️· Example: PE346-12 = 12 inches, PE346-100cm = 100 cm

    # PE346-24: TNC Male to TNC Male Right Angle Low Loss Test Cable

    ## Cable Specifications

    ️· Connectors: TNC Male (Connector 1), TNC Male Right Angle (Connector 2)
    ️· Cable Type: PE-P142LL
    ️· Length: 24 inches (609.6 mm) - Tolerance of 1.5% or ± 3/8”
    ️· Diameter: 1.134 inches (28.8 mm)
    ️· Weight: 0.0768 lbs (34.84 g)
    ️· Impedance: 50 Ohms
    ️· Dielectric Type: PTFE

    ## Electrical Performance

    ️· Frequency Range: DC to 18 GHz
    ️· VSWR: < 1.35:1
    ️· Velocity of Propagation: 83%
    ️· RF Shielding: > 95 dB
    ️· Insertion Loss (Typical): 0.045 dB @ 0.4 GHz, increasing to 0.166 dB @ 5 GHz
    ️· Power Handling (Max): Up to 1200 Watts @ 0.4 GHz, decreasing to 300 Watts @ 5 GHz (Power handling varies based on VSWR)

    ## Mechanical Features

    ️· Cable Jacket: FEP, Green
    ️· Shielding: 3 layers – Silver Plated Copper Tape, Aluminum Polyester, Silver Plated Copper Wire
    ️· Minimum Bend Radius: 1 inch (Repeated), 1.5 inches (Overall)

    ## Connector Details

    ️· Material & Plating (Both Connectors): Beryllium Copper, Gold plated
    ️· Outer Conductor Material & Plating: Passivated Stainless Steel
    ️· Hex Size: 9/16 Inch (Both Connectors)
    ️· Specification: MIL-STD-348, Figure 313-3

    ## Environmental

    ️· Operating Temperature Range: -55°C to +125°C
    ️· Compliance: RoHS compliant

    ## Ordering Information

    ️· Part Number Configuration: PE346 - xx uu
    - xx = Length
    - uu = Unit of Measure (cm = Centimeters, <blank> = Inches)
    ️· Example: PE346-12 = 12 inches, PE346-100cm = 100 cm

    Part No.PE346-24
    ManufacturerPASTERNACK
    Size428 Kbytes
    Pages5 pages
    DescriptionRF Cable Assemblies Technical Data Sheet