Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST48A12-16 Datasheet (PDF) - Teledyne Technologies Incorporated

ST48A12-16 Datasheet PDF - Teledyne Technologies Incorporated
Part # ST48A12-16
Download  ST48A12-16 Download

File Size   130.82 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 75A 600 Vac

ST48A12-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST48A12-16 Datasheet PDF - Teledyne Technologies Incorporated

Part # ST48A12-16
Download  ST48A12-16 Click to download

File Size   130.82 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 75A 600 Vac

ST48A12-16 Datasheet (HTML) - Teledyne Technologies Incorporated

ST48A12-16 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST48A12-16 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST48A12-16 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST48A12-16 Datasheet HTML 4Page - Teledyne Technologies Incorporated



Similar Part No. - ST48A12-16

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
ST480V360J012 CDE-ST480V360J012_13 Datasheet
505Kb / 4P
   Strobe-Flash, Long-Life, 360 & 450 V Aluminum
logo
List of Unclassifed Man...
ST482-U1 ETC2-ST482-U1 Datasheet
118Kb / 2P
   MINIATURE POWER RELAY
logo
Hammond Manufacturing L...
ST483610LG HAMMOND-ST483610LG Datasheet
102Kb / 3P
   Armoire murale en acier doux de type 4 avec toit incline
More results


Similar Description - ST48A12-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com