Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXM9-1-C-T-00 Datasheet (PDF) - Vectron International, Inc

VXM9-1-C-T-00 Datasheet PDF - Vectron International, Inc
Part # VXM9-1-C-T-00
Download  VXM9-1-C-T-00 Download

File Size   405.63 Kbytes
Page   3 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description 2.0 x 1.6mm Crystal

VXM9-1-C-T-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
VXM9-1-C-T-00 Datasheet PDF - Vectron International, Inc

Part # VXM9-1-C-T-00
Download  VXM9-1-C-T-00 Click to download

File Size   405.63 Kbytes
Page   3 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description 2.0 x 1.6mm Crystal

VXM9-1-C-T-00 Datasheet (HTML) - Vectron International, Inc

VXM9-1-C-T-00 Datasheet HTML 1Page - Vectron International, Inc VXM9-1-C-T-00 Datasheet HTML 2Page - Vectron International, Inc VXM9-1-C-T-00 Datasheet HTML 3Page - Vectron International, Inc



Similar Part No. - VXM9-1-C-T-00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM-1M2-10M000 VECTRON-VXM-1M2-10M000 Datasheet
91Kb / 4P
   Microprocessor Crystals
VXM1 VECTRON-VXM1 Datasheet
96Kb / 2P
   VXM1 Ultra Miniature SMD Crystals
VXM1 VECTRON-VXM1_07 Datasheet
99Kb / 2P
   VXM1 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
   VXM2 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
102Kb / 2P
   VXM2 Ultra Miniature SMD Crystals
More results


Similar Description - VXM9-1-C-T-00

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
   2.0 x 1.6mm crystal unit
01/2/2017
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
   2.0 x 1.6mm crystal unit
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
   2.0 x 1.6mm Auto Grade Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
   2.0 x 1.6mm Ceramic SMD Crystal
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
logo
TAITIEN ELECTRONICS CO....
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
   2.5 x 2.0 mm SMD Crystal
logo
Transko Electronics, In...
2X6SMD TRANSKO-2X6SMD Datasheet
463Kb / 1P
   SMD CYLINDRICAL CRYSTAL (2.0 x 6.3mm)
Rev.1: Jul. 2014
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
   2.0 x 1.6 mm SMD Crystal
logo
Transko Electronics, In...
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
   TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com