Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148WXL Datasheet (PDF) - Micro Commercial Components

1N4148WXL Datasheet PDF - Micro Commercial Components
Part # 1N4148WXL
Download  1N4148WXL Download

File Size   295.38 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Speed Switching Diode 200mW

1N4148WXL Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148WXL Datasheet PDF - Micro Commercial Components

Part # 1N4148WXL
Download  1N4148WXL Click to download

File Size   295.38 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description High Speed Switching Diode 200mW

1N4148WXL Datasheet (HTML) - Micro Commercial Components

1N4148WXL Datasheet HTML 1Page - Micro Commercial Components 1N4148WXL Datasheet HTML 2Page - Micro Commercial Components 1N4148WXL Datasheet HTML 3Page - Micro Commercial Components

1N4148WXL Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix
   designates RoHS Compliant. See ordering information)
• Surface Mount Package Ideally Suited for Automatic Insertion
• For General Purpose Switching Applications
• Fast Switching Speed

Mechanical Data
• Marking : T4/S1
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: Indicated by Cathode Band
• Weight: 0.008 grams ( approx.)
• Moisture Sensitivity: Level 1 per J-STD-020C
• Epoxy meets UL 94 V-0 flammability rating
   Moisture Sensitivity Level 1




Similar Part No. - 1N4148WXL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Shanghai Shunye Electro...
1N4148WX SY-1N4148WX Datasheet
940Kb / 3P
   FAST SWITCHING DIODES
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Similar Description - 1N4148WXL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WX MCC-1N4148WX_16 Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX_13 Datasheet
206Kb / 3P
   High Speed Switching Diode 200mW
1N4448WX MCC-1N4448WX Datasheet
173Kb / 2P
   High Speed Switching Diode 200mW
logo
Shanghai Lunsure Electr...
1N4148W CHENYI-1N4148W Datasheet
143Kb / 3P
   High Speed Switching Diode 200mW
logo
Micro Commercial Compon...
1N4448WX MCC-1N4448WX_11 Datasheet
183Kb / 3P
   High Speed Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com