Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM12-02HTG Datasheet (PDF) - Littelfuse

SM12-02HTG Datasheet PDF - Littelfuse
Part # SM12-02HTG
Download  SM12-02HTG Download

File Size   1025.69 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 400W TVS Diode Array

SM12-02HTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SM12-02HTG Datasheet PDF - Littelfuse

Part # SM12-02HTG
Download  SM12-02HTG Click to download

File Size   1025.69 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 400W TVS Diode Array

SM12-02HTG Datasheet (HTML) - Littelfuse

SM12-02HTG Datasheet HTML 1Page - Littelfuse SM12-02HTG Datasheet HTML 2Page - Littelfuse SM12-02HTG Datasheet HTML 3Page - Littelfuse SM12-02HTG Datasheet HTML 4Page - Littelfuse SM12-02HTG Datasheet HTML 5Page - Littelfuse SM12-02HTG Datasheet HTML 6Page - Littelfuse

SM12-02HTG Product details

Description
The SM series TVS Diode Array is designed to protect sensitive equipment from damage due to electrostatic discharge (ESD), electrical fast transients (EFT), and lightning induced surges.
The SM series can absorb repetitive ESD strikes above the maximum level specifed in the IEC 61000-4-2 international standard without performance degradation and safely dissipate up to 24A of 8/20us induced surge current (IEC-61000-4-5, 2nd Edition) with very low clamping voltages.

Features
• RoHS compliant and lead-free
• ESD, IEC 61000-4-2, ±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 50A (5/50ns)
• Lightning, IEC 61000-4-5, 2nd Edition, 24A (tP=8/20μs, SM05)
• Working voltages: 5V, 12V, 15V, 24V and 36V
• Low clamping voltage
• Low leakage current
• AEC-Q101 qualifed (SOT23-3 package)

Applications
• Industrial Equipment
• Test and Medical Equipment
• Point-of-Sale Terminals
• Motor Controls
• Legacy Ports (RS-232, RS-485)
• Security and Alarm System
• Automotive Electronics




Similar Part No. - SM12-02HTG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SM12-02HTG UMW-SM12-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
More results


Similar Description - SM12-02HTG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
   TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com