Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1898-O Datasheet (PDF) - Micro Commercial Components

KTD1898-O Datasheet PDF - Micro Commercial Components
Part # KTD1898-O
Download  KTD1898-O Download

File Size   347.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Power Transistors

KTD1898-O Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1898-O Datasheet PDF - Micro Commercial Components

Part # KTD1898-O
Download  KTD1898-O Click to download

File Size   347.67 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Power Transistors

KTD1898-O Datasheet (HTML) - Micro Commercial Components

KTD1898-O Datasheet HTML 1Page - Micro Commercial Components KTD1898-O Datasheet HTML 2Page - Micro Commercial Components

KTD1898-O Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• High VCEO, VCEO=80V
• High IC, IC=1.0A(DC)
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - KTD1898-O

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTD1898-O KEXIN-KTD1898-O Datasheet
337Kb / 1P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
KTD1898-O SECOS-KTD1898-O Datasheet
77Kb / 1P
   1A , 100V NPN Plastic Encapsulated Transistor
KTD1898-O SECOS-KTD1898-O Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
logo
Guangdong Kexin Industr...
KTD1898-O KEXIN-KTD1898-O Datasheet
337Kb / 1P
   NPN Transistors
More results


Similar Description - KTD1898-O

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com