Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN53601 Datasheet (PDF) - ON Semiconductor

FAN53601 Datasheet PDF - ON Semiconductor
Part # FAN53601
Download  FAN53601 Download

File Size   763.59 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 MHz, 600mA / 1 A Synchronous Buck Regulator

FAN53601 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN53601 Datasheet PDF - ON Semiconductor

Part # FAN53601
Download  FAN53601 Click to download

File Size   763.59 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6 MHz, 600mA / 1 A Synchronous Buck Regulator

FAN53601 Datasheet (HTML) - ON Semiconductor

Back Button FAN53601 Datasheet HTML 1Page - ON Semiconductor FAN53601 Datasheet HTML 2Page - ON Semiconductor FAN53601 Datasheet HTML 3Page - ON Semiconductor FAN53601 Datasheet HTML 4Page - ON Semiconductor FAN53601 Datasheet HTML 5Page - ON Semiconductor FAN53601 Datasheet HTML 6Page - ON Semiconductor FAN53601 Datasheet HTML 7Page - ON Semiconductor FAN53601 Datasheet HTML 8Page - ON Semiconductor FAN53601 Datasheet HTML 9Page - ON Semiconductor FAN53601 Datasheet HTML 10Page - ON Semiconductor Next Button 

FAN53601 Product details

Description
The FAN53601/11 is a 6 MHz, step-dow n sw itching voltage regulator, available in 600 mA or 1 A options, that delivers a fixed output from an input voltage supply of 2.3 V to 5.5 V. Using a proprietary architecture w ith synchronous rectification, the FA N53601/11 is capable of delivering a peak efficiency of 92%, w hile maintaining efficiency over 80% at load currents as low as 1 mA.

Features
■ 600 mA or 1 A Output Current Capability
■ 24 µA Typical Quiescent Current
■ 6 MHz Fixed-Frequency Operation
■ Best-in-Class Load Transient Response
■ Best-in-Class Efficiency
■ 2.3 V to 5.5 V Input Voltage Range
■ Low Ripple Light-Load PFM Mode
■ Forced PWM and External Clock Synchronization
■ Internal Soft-Start
■ Input Under-Voltage Lockout (UVLO)
■ Thermal Shutdow n and Overload Protection
■ Optional Output Discharge
■ 6-Bump WLCSP, 0.4 mm Pitch

Applications
■ 3G, 4G, WiFi®, WiMAX™, and WiBro® Data Cards
■ Tablets
■ DSC, DVC
■ Netbooks®, Ultra-Mobile PCs




Similar Part No. - FAN53601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
FAN53601UC182X FAIRCHILD-FAN53601UC182X Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
More results


Similar Description - FAN53601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com