Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7241-45R Datasheet (PDF) - Harwin Plc

S7241-45R Datasheet PDF - Harwin Plc
Part # S7241-45R
Download  S7241-45R Download

File Size   116.33 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description SMT SPRING CONTACT (1.30mm HIGH) IN TAPE AND REEL

S7241-45R Datasheet (PDF)

Go To PDF Page Download Datasheet
S7241-45R Datasheet PDF - Harwin Plc

Part # S7241-45R
Download  S7241-45R Click to download

File Size   116.33 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description SMT SPRING CONTACT (1.30mm HIGH) IN TAPE AND REEL

S7241-45R Datasheet (HTML) - Harwin Plc

S7241-45R Datasheet HTML 1Page - Harwin Plc



Similar Part No. - S7241-45R

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S7241 SATCO-S7241 Datasheet
125Kb / 1P
   23 watt; R40 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results


Similar Description - S7241-45R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S7231-45R HARWIN-S7231-45R Datasheet
118Kb / 1P
   SMT SPRING CONTACT (1.28mm HIGH) IN TAPE AND REEL
S7151-45R HARWIN-S7151-45R Datasheet
108Kb / 1P
   SMT SPRING CONTACT IN TAPE AND REEL (3.00mm HIGH)
S7191-45R HARWIN-S7191-45R Datasheet
104Kb / 1P
   SMT SPRING CONTACT (5.00mm HIGH) IN TAPE AND REEL
S7181-45R HARWIN-S7181-45R Datasheet
105Kb / 1P
   SMT SPRING CONTACT (4.50mm HIGH) IN TAPE AND REEL
S7261-45R HARWIN-S7261-45R Datasheet
112Kb / 1P
   SMT SPRING CONTACT (1.5mm HIGH) IN TAPE AND REEL
S7141-45R HARWIN-S7141-45R Datasheet
109Kb / 1P
   SMT SPRING CONTACT IN TAPE AND REEL (2.55mm HIGH)
S7171-45R HARWIN-S7171-45R Datasheet
105Kb / 1P
   SMT SPRING CONTACT IN TAPE AND REEL (4.00mm HIGH)
S7221-45R HARWIN-S7221-45R Datasheet
119Kb / 1P
   SMT SPRING CONTACT (1.23mm HIGH) IN TAPE AND REEL
S7131-45R HARWIN-S7131-45R Datasheet
106Kb / 1P
   SMT SPRING CONTACT IN TAPE AND REEL (2.00mm HIGH)
S7161-45R HARWIN-S7161-45R Datasheet
81Kb / 1P
   SMT SPRING CONTACT IN TAPE AND REEL (3.50mm HIGH)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com