Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33993 Datasheet (PDF) - Motorola, Inc

MC33993 Datasheet PDF - Motorola, Inc
Part # MC33993
Download  MC33993 Download

File Size   869.62 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multiple Switch Detection Interface

MC33993 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33993 Datasheet PDF - Motorola, Inc

Part # MC33993
Download  MC33993 Click to download

File Size   869.62 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multiple Switch Detection Interface

MC33993 Datasheet (HTML) - Motorola, Inc

Back Button MC33993 Datasheet HTML 1Page - Motorola, Inc MC33993 Datasheet HTML 2Page - Motorola, Inc MC33993 Datasheet HTML 3Page - Motorola, Inc MC33993 Datasheet HTML 4Page - Motorola, Inc MC33993 Datasheet HTML 5Page - Motorola, Inc MC33993 Datasheet HTML 6Page - Motorola, Inc MC33993 Datasheet HTML 7Page - Motorola, Inc MC33993 Datasheet HTML 8Page - Motorola, Inc MC33993 Datasheet HTML 9Page - Motorola, Inc MC33993 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC33993 Product details

The 33993 Multiple Switch Detection Interface is designed to detect the closing and opening of up to 22 switch contacts. The switch status, either open or closed, is transferred to the microprocessor unit (MCU) through a serial peripheral interface (SPI). The device also features a 22-to-1 analog multiplexer for reading inputs as analog. The analog input signal is buffered and provided on the AMUX output pin for the MCU to read.



Features

• Designed to Operate 5.5 V ≤ VPWR ≤ 26 V

• Switch Input Voltage Range -14 V to VPWR, 40 V Max

• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI Protocol

• Selectable Wake-Up on Change of State

• Selectable Wetting Current (16 mA or 2.0 mA)

• 8 Programmable Inputs (Switches to Battery or Ground)

• 14 Switch-to-Ground Inputs

• VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical

• Active Interrupt (INT) on Change-of-Switch State




Similar Part No. - MC33993

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MC33993DWB FREESCALE-MC33993DWB Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MC33993DWB FREESCALE-MC33993DWB Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MC33993DWBR2 FREESCALE-MC33993DWBR2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MC33993DWBR2 FREESCALE-MC33993DWBR2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
More results


Similar Description - MC33993

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
   22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com