Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA6.8A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA6.8A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # P4SMA6.8A
Download  P4SMA6.8A Download

File Size   2722.33 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Transient Voltage Suppressors

P4SMA6.8A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA6.8A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P4SMA6.8A
Download  P4SMA6.8A Click to download

File Size   2722.33 Kbytes
Page   3 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Transient Voltage Suppressors

P4SMA6.8A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA6.8A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA6.8A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA6.8A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA6.8A Product details

Glass Passivated Junction Transient Voltage Suppressor

VOLTAGE-6.8 TO 550 Volts

400 Watt Peak Pulse Power



Features

• For surface mounted applications in order to optimize board space

• Glass passivated junction

• Built-in strain relief

• Excellent clamping capability

• Low profile package

• Low inductance

• Excellent clamping capability

• Fast response time: typically less than 1.0 ps from 0 volts to BV min

• Typical IRless than 1µA above 10V

• High temperature soldering guaranteed: 250°C/10 seconds at terminals




Similar Part No. - P4SMA6.8A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA6.8A YFWDIODE-P4SMA6.8A Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
P4SMA6.8A UMW-P4SMA6.8A Datasheet
705Kb / 4P
   6.8V-550V 400W
logo
Cystech Electonics Corp...
P4SMA6.8A CYSTEKEC-P4SMA6.8A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results


Similar Description - P4SMA6.8A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com