Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5111A Datasheet (PDF) - NTE Electronics

NTE5111A Datasheet PDF - NTE Electronics
Part # NTE5111A
Download  NTE5111A Download

File Size   32.41 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 5 Watt 짹5% Tolerance

NTE5111A Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5111A Datasheet PDF - NTE Electronics

Part # NTE5111A
Download  NTE5111A Click to download

File Size   32.41 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 5 Watt 짹5% Tolerance

NTE5111A Datasheet (HTML) - NTE Electronics

NTE5111A Datasheet HTML 1Page - NTE Electronics NTE5111A Datasheet HTML 2Page - NTE Electronics NTE5111A Datasheet HTML 3Page - NTE Electronics

NTE5111A Product details

Features:
● Zener Voltage: 3.3V to 200V
● High Surge Current Capability




Similar Part No. - NTE5111A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5111A NTE-NTE5111A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
More results


Similar Description - NTE5111A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com