Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3M1ASP24VDC2R Datasheet (PDF) - CIT Relay & Switch

A3M1ASP24VDC2R Datasheet PDF - CIT Relay & Switch
Part # A3M1ASP24VDC2R
Download  A3M1ASP24VDC2R Download

File Size   139.58 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Large switching capacity up to 80A

A3M1ASP24VDC2R Datasheet (PDF)

Go To PDF Page Download Datasheet
A3M1ASP24VDC2R Datasheet PDF - CIT Relay & Switch

Part # A3M1ASP24VDC2R
Download  A3M1ASP24VDC2R Click to download

File Size   139.58 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Large switching capacity up to 80A

A3M1ASP24VDC2R Datasheet (HTML) - CIT Relay & Switch

A3M1ASP24VDC2R Datasheet HTML 1Page - CIT Relay & Switch A3M1ASP24VDC2R Datasheet HTML 2Page - CIT Relay & Switch A3M1ASP24VDC2R Datasheet HTML 3Page - CIT Relay & Switch A3M1ASP24VDC2R Datasheet HTML 4Page - CIT Relay & Switch



Similar Part No. - A3M1ASP24VDC2R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A3M1ASP24VDC2R CIT-A3M1ASP24VDC2R Datasheet
285Kb / 3P
   CIT SWITCH
More results


Similar Description - A3M1ASP24VDC2R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com