Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2M1ASP24VDC1.9D Datasheet (PDF) - CIT Relay & Switch

A2M1ASP24VDC1.9D Datasheet PDF - CIT Relay & Switch
Part # A2M1ASP24VDC1.9D
Download  A2M1ASP24VDC1.9D Download

File Size   141.01 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Large switching capacity up to 40A

A2M1ASP24VDC1.9D Datasheet (PDF)

Go To PDF Page Download Datasheet
A2M1ASP24VDC1.9D Datasheet PDF - CIT Relay & Switch

Part # A2M1ASP24VDC1.9D
Download  A2M1ASP24VDC1.9D Click to download

File Size   141.01 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Large switching capacity up to 40A

A2M1ASP24VDC1.9D Datasheet (HTML) - CIT Relay & Switch

A2M1ASP24VDC1.9D Datasheet HTML 1Page - CIT Relay & Switch A2M1ASP24VDC1.9D Datasheet HTML 2Page - CIT Relay & Switch A2M1ASP24VDC1.9D Datasheet HTML 3Page - CIT Relay & Switch

A2M1ASP24VDC1.9D Product details

Features
• Large switching capacity up to 40A
• Small size and light weight
• PCB pin and quick connect mounting available
• Suitable for automobile and lamp accessories
• QS-9000, ISO-9002 Certifi ed Manufacturing




Similar Part No. - A2M1ASP24VDC1.9D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A2M1ASP24VDC1.9D CIT-A2M1ASP24VDC1.9D Datasheet
293Kb / 3P
   CIT SWITCH
A2M1ASP24VDC1.9D1 CIT-A2M1ASP24VDC1.9D1 Datasheet
293Kb / 3P
   CIT SWITCH
A2M1ASP24VDC1.9DR CIT-A2M1ASP24VDC1.9DR Datasheet
293Kb / 3P
   CIT SWITCH
More results


Similar Description - A2M1ASP24VDC1.9D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A91AC12VDC CIT-A91AC12VDC Datasheet
113Kb / 2P
   Switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com