Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74108TP-12I Datasheet (PDF) - List of Unclassifed Manufacturers

GS74108TP-12I Datasheet PDF - List of Unclassifed Manufacturers
Part # GS74108TP-12I
Download  GS74108TP-12I Download

File Size   241.75 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 512K x 8 4Mb Asynchronous SRAM

GS74108TP-12I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS74108TP-12I Datasheet PDF - List of Unclassifed Manufacturers

Part # GS74108TP-12I
Download  GS74108TP-12I Click to download

File Size   241.75 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 512K x 8 4Mb Asynchronous SRAM

GS74108TP-12I Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button GS74108TP-12I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS74108TP-12I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

GS74108TP-12I Product details

[GSI]

Description
The GS74108 is a high speed CMOS static RAM organized as 524,288-words by 8-bits. Static design eliminates the need for external clocks or timing strobes. Operating on a single 3.3V power supply and all inputs and outputs are TTL compatible. The GS74108 is available in 400 mil SOJ and 400 mil TSOP Type-II packages.

Features
• Fast access time: 8, 10, 12, 15ns
• CMOS low power operation: 150/125/110/90 mA at min. cycle time.
• Single 3.3V ± 0.3V power supply
• All inputs and outputs are TTL compatible
• Fully static operation
• Industrial Temperature Option: -40° to 85°C
• Package line up
    J: 400mil, 36 pin SOJ package
    TP: 400mil, 44 pin TSOP Type II package




Similar Part No. - GS74108TP-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74108AGJ-10 GSI-GS74108AGJ-10 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-10I GSI-GS74108AGJ-10I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12 GSI-GS74108AGJ-12 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-12I GSI-GS74108AGJ-12I Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74108AGJ-8 GSI-GS74108AGJ-8 Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
More results


Similar Description - GS74108TP-12I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com