Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8741MTFX Datasheet (PDF) - Fairchild Semiconductor

FAN8741MTFX Datasheet PDF - Fairchild Semiconductor
Part # FAN8741MTFX
Download  FAN8741MTFX Download

File Size   541.77 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Spindle Motor and 6-CH Driver

FAN8741MTFX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN8741MTFX Datasheet PDF - Fairchild Semiconductor

Part # FAN8741MTFX
Download  FAN8741MTFX Click to download

File Size   541.77 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Spindle Motor and 6-CH Driver

FAN8741MTFX Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN8741MTFX Datasheet HTML 1Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 2Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 3Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 4Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 5Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 6Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 7Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 8Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 9Page - Fairchild Semiconductor FAN8741MTFX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN8741MTFX Product details

Description
Suitable for a 3-phase BLDC (Brush-Less Direct Current) spindle motor driver with PWM, the monolithic FAN8741/FAN8742 IC also includes 2-ch motor drivers with PWM for sled motors and 4-ch linear drivers which drive the focus actuator, tracking actuator, tilt actuator, and loading motor in optical media applications. Designed specifically for high-speed/high-density optical media applications, the FAN8741/FAN8742’s power stage is created by D-MOS transistors which have extremely low RDSON. This enables less heat generation and guarantees improved reliability.

Features
Common
• Built-in thermal shutdown circuit (TSD)
• 8 Independent voltage sources
• Corresponds to 3.3V or 5V DSP
• 4 selectable mute inputs

Spindle
• Output PWM mode control
• FG output: open collector type
• Selectable brake(short & reverse brake)
• Built-in hall bias
• 180° commutation(compatible with conventional BLDC spindle motor)
• Built in short-through protection function

BTL(Sled 2-channels)
• Output PWM mode control
• Built in short-through protection function

BTL(Other 4-channels)
• Output linear mode control

Typical Applications
• CD-ROM
• CD-RW
• DVD-ROM
• DVD-RAM
• DVD Player (DVDP)
• Other compact disk media
• Game consoles




Similar Part No. - FAN8741MTFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results


Similar Description - FAN8741MTFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com