Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6144IRZA Datasheet (PDF) - Renesas Technology Corp

ISL6144IRZA Datasheet PDF - Renesas Technology Corp
Part # ISL6144IRZA
Download  ISL6144IRZA Download

File Size   1483.09 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage ORing MOSFET Controller

ISL6144IRZA Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6144IRZA Datasheet PDF - Renesas Technology Corp

Part # ISL6144IRZA
Download  ISL6144IRZA Click to download

File Size   1483.09 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage ORing MOSFET Controller

ISL6144IRZA Datasheet (HTML) - Renesas Technology Corp

Back Button ISL6144IRZA Datasheet HTML 1Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 2Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 3Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 4Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 5Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 6Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 7Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 8Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 9Page - Renesas Technology Corp ISL6144IRZA Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL6144IRZA Product details

The ISL6144 ORing MOSFET Controller and a suitably sized N-Channel power MOSFET(s) increases power distribution efficiency and availability when replacing a power ORing diode in high current applications.

Features
• Wide Supply Voltage Range +9V to +75V
• Transient Rating to +100V
• Reverse Current Fault Isolation
• Internal Charge Pump Allows the use of N-Channel
   MOSFET
• HS Comparator Provides Very Fast <0.3µs Response
   Time to Dead Shorts on Sourcing Supply. HS Comparator
   also has Resistor-adjustable Trip Level
• HR Amplifier allows Quiet, <100µs MOSFET Turn-off for
   Power Supply Slow Shut Down
• Open Drain, Active Low Fault Output with 120µs Delay
• Provided in Packages Compliant to UL60950 (UL1950)
   Creepage Requirements
• QFN Package:
   - Compliant to JEDEC PUB95 MO-220
      QFN - Quad Flat No Leads - Package Outline
   - Near Chip Scale Package footprint, which improves
      PCB efficiency and has a thinner profile
• Pb-Free (RoHS Compliant)

Applications
• ORing MOSFET Control in Power Distribution Systems
• N + 1 Redundant Distributed Power Systems
• File and Network Servers (12V and 48V)
• Telecom/Datacom Systems




Similar Part No. - ISL6144IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
874Kb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
More results


Similar Description - ISL6144IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
   Low Voltage ORing FET Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
   40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com