Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292-1CR4 Datasheet (PDF) - Renesas Technology Corp

ISL6292-1CR4 Datasheet PDF - Renesas Technology Corp
Part # ISL6292-1CR4
Download  ISL6292-1CR4 Download

File Size   1026.54 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li Polymer Battery Charger

ISL6292-1CR4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6292-1CR4 Datasheet PDF - Renesas Technology Corp

Part # ISL6292-1CR4
Download  ISL6292-1CR4 Click to download

File Size   1026.54 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li Polymer Battery Charger

ISL6292-1CR4 Datasheet (HTML) - Renesas Technology Corp

Back Button ISL6292-1CR4 Datasheet HTML 1Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 2Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 3Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 4Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 5Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 6Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 7Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 8Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 9Page - Renesas Technology Corp ISL6292-1CR4 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL6292-1CR4 Product details

Li-ion/Li Polymer Battery Charger

The ISL6292 is an integrated single-cell Li-ion or Li-polymer battery charger capable of operating with an input voltage as low as 2.4V. This charger is designed to work with various types of AC adapters or a USB port.

Features
• Complete Charger for Single-Cell Li-ion Batteries
• Very Low Thermal Dissipation
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• 1% Voltage Accuracy
• Programmable Current Limit up to 2A
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback
• NTC Thermistor Interface for Battery Temperature Monitor
• Accepts Multiple Types of Adapters or USB BUS Power
• Guaranteed to Operate at 2.65V After Start-Up
• Ambient Temperature Range: -20°C to +70°C
• Thermally-Enhanced QFN Packages
• Handheld Devices, including Medical Handhelds
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Self-Charging Battery Packs
• Stand-Alone Chargers
• USB Bus-Powered Chargers
• Pb-Free Available (RoHS Compliant)




Similar Part No. - ISL6292-1CR4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292-1CR4 INTERSIL-ISL6292-1CR4 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
ISL6292-1CR4-T INTERSIL-ISL6292-1CR4-T Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Similar Description - ISL6292-1CR4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com