Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80019A Datasheet (PDF) - Renesas Technology Corp

ISL80019A Datasheet PDF - Renesas Technology Corp
Part # ISL80019A
Download  ISL80019A Download

File Size   1828.62 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Compact Synchronous Buck Regulators

ISL80019A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80019A Datasheet PDF - Renesas Technology Corp

Part # ISL80019A
Download  ISL80019A Click to download

File Size   1828.62 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Compact Synchronous Buck Regulators

ISL80019A Datasheet (HTML) - Renesas Technology Corp

Back Button ISL80019A Datasheet HTML 1Page - Renesas Technology Corp ISL80019A Datasheet HTML 2Page - Renesas Technology Corp ISL80019A Datasheet HTML 3Page - Renesas Technology Corp ISL80019A Datasheet HTML 4Page - Renesas Technology Corp ISL80019A Datasheet HTML 5Page - Renesas Technology Corp ISL80019A Datasheet HTML 6Page - Renesas Technology Corp ISL80019A Datasheet HTML 7Page - Renesas Technology Corp ISL80019A Datasheet HTML 8Page - Renesas Technology Corp ISL80019A Datasheet HTML 9Page - Renesas Technology Corp ISL80019A Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL80019A Product details

Compact Synchronous Buck Regulators

The ISL8002, ISL8002A, ISL80019 and ISL80019A are highly efficient, monolithic, synchronous step-down DC/DC converters that can deliver up to 2A of continuous output current from a 2.7V to 5.5V input supply. They use peak current mode control architecture to allow very low duty cycle operation. They operate at either 1MHz or 2MHz switching frequency, thereby providing superior transient response and allowing for the use of small inductors. They also have excellent stability and provide both internal and external compensation options.

Features
• VIN range 2.7V to 5.5V
• VOUT range is 0.6V to VIN
• IOUT maximum is 1.5A or 2A (see Table 1 on page 3)
• Switching frequency is 1MHz or 2MHz (see Table 1 on page 3)
• Internal or external compensation option
• Selectable PFM or PWM operation option
• Overcurrent and short circuit protection
• Over-temperature/thermal protection
• VIN Undervoltage Lockout and VOUT Overvoltage Protection
• Up to 95% peak efficiency

Applications
• General purpose point of load DC/DC
• Set-top boxes and cable modems
• FPGA power
• DVD, HDD drives, LCD panels, TV




Similar Part No. - ISL80019A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80019A INTERSIL-ISL80019A Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
ISL80019A INTERSIL-ISL80019A Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL80019A INTERSIL-ISL80019A Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL80019AFRZ-T INTERSIL-ISL80019AFRZ-T Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL80019AFRZ-T7A INTERSIL-ISL80019AFRZ-T7A Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
More results


Similar Description - ISL80019A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com