Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8088 Datasheet (PDF) - Renesas Technology Corp

ISL8088 Datasheet PDF - Renesas Technology Corp
Part # ISL8088
Download  ISL8088 Download

File Size   1870.27 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator

ISL8088 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8088 Datasheet PDF - Renesas Technology Corp

Part # ISL8088
Download  ISL8088 Click to download

File Size   1870.27 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator

ISL8088 Datasheet (HTML) - Renesas Technology Corp

Back Button ISL8088 Datasheet HTML 1Page - Renesas Technology Corp ISL8088 Datasheet HTML 2Page - Renesas Technology Corp ISL8088 Datasheet HTML 3Page - Renesas Technology Corp ISL8088 Datasheet HTML 4Page - Renesas Technology Corp ISL8088 Datasheet HTML 5Page - Renesas Technology Corp ISL8088 Datasheet HTML 6Page - Renesas Technology Corp ISL8088 Datasheet HTML 7Page - Renesas Technology Corp ISL8088 Datasheet HTML 8Page - Renesas Technology Corp ISL8088 Datasheet HTML 9Page - Renesas Technology Corp ISL8088 Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL8088 Product details

Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator

The ISL8088 is a high efficiency, dual synchronous step-down DC/DC regulator that can deliver up to 800mA continuous output current per channel. The supply voltage range of 2.75V to 5.5V allows the use of a single Li+ cell, three NiMH cells or a regulated 5V input. The current mode control architecture enables very low duty cycle operation at high frequency with fast transient response and excellent loop stability. The ISL8088 operates at 2.25MHz switching frequency allowing the use of small, low cost inductors and capacitors. Each channel is optimized for generating an output voltage as low as 0.6V.

Features
• Internal Current Mode Compensation
• 100% Maximum Duty Cycle for Lowest Dropout
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Start-up with Pre-biased Output
• Soft-Stop Output Discharge During Disabled
• Internal Digital Soft-Start - 2ms
• Power-Good (PG) Output with 1ms Delay

Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Test and Measurement Systems
• Li-ion Battery Power Devices
• Bar Code Readers




Similar Part No. - ISL8088

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088IRZ INTERSIL-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088IRZ INTERSIL-ISL8088IRZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088IRZ-T INTERSIL-ISL8088IRZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Similar Description - ISL8088

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL8088 INTERSIL-ISL8088_10 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com