Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5620 Datasheet (PDF) - NTE Electronics

NTE5620 Datasheet PDF - NTE Electronics
Part # NTE5620
Download  NTE5620 Download

File Size   21.43 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC 800VRM, 8A, TO220 Full Pack

NTE5620 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5620 Datasheet PDF - NTE Electronics

Part # NTE5620
Download  NTE5620 Click to download

File Size   21.43 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC 800VRM, 8A, TO220 Full Pack

NTE5620 Datasheet (HTML) - NTE Electronics

NTE5620 Datasheet HTML 1Page - NTE Electronics NTE5620 Datasheet HTML 2Page - NTE Electronics NTE5620 Datasheet HTML 3Page - NTE Electronics

NTE5620 Product details

The NTE5620 TRIAC is designed primarily for full–wave AC control applications, such as light dimmers, heater controls, motor controls, and power supplies; or wherever full wave silicon gate controlled solid state devices are needed. TRIAC type thyristors switch from a blocking to a conducting state for either polarity of applied voltage with positive or negative gate triggering.

Features:
● Blocking Voltage – 800 Volts
● All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability
● Small, Rugged, TO220 Full Pack for Low Thermal Resistance, High Heat Dissipation, and Durability
● Gate Triggering Guaranteed in Four Modes




Similar Part No. - NTE5620

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5621 NTE-NTE5621 Datasheet
20Kb / 2P
   TRIAC - 10 Amp
NTE5627 NTE-NTE5627 Datasheet
20Kb / 2P
   TRIAC - 10 Amp
NTE5629 NTE-NTE5629 Datasheet
17Kb / 2P
   TRIAC - 400VRM, 4Amp
More results


Similar Description - NTE5620

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5699 NTE-NTE5699 Datasheet
22Kb / 3P
   TRIAC - 800VRM, 25A TO220 Full Pack
NTE5671 NTE-NTE5671 Datasheet
23Kb / 3P
   TRIAC 800VRM, 20A TO220 (Isolated)
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
   800V - 8A - Triac
logo
STMicroelectronics
T820W STMICROELECTRONICS-T820W_04 Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com