Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021AIRUJZ-T7A Datasheet (PDF) - Renesas Technology Corp

ISL9021AIRUJZ-T7A Datasheet PDF - Renesas Technology Corp
Part # ISL9021AIRUJZ-T7A
Download  ISL9021AIRUJZ-T7A Download

File Size   574.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021AIRUJZ-T7A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9021AIRUJZ-T7A Datasheet PDF - Renesas Technology Corp

Part # ISL9021AIRUJZ-T7A
Download  ISL9021AIRUJZ-T7A Click to download

File Size   574.94 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250mA Single LDO with Low IQ, Low Noise and High PSRR LDO

ISL9021AIRUJZ-T7A Datasheet (HTML) - Renesas Technology Corp

Back Button ISL9021AIRUJZ-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL9021AIRUJZ-T7A Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL9021AIRUJZ-T7A Product details

The ISL9021A is a single LDO, which provides high performance, low input voltage and high PSRR. It delivers guaranteed continuous 250mA load current and is stable with 1µF to 4.7µF of output capacitance (±30%) with an ESR range of 5mΩ to 400m.
The input voltage range for the ISL9021A is between 1.5V to 5.5V and the output voltage comes in many fixed voltage options with ±1.8% accuracy over-temperature, line and load ranges. The ISL9021A has typical PSRR of 75dB @ 10kHz and 50dB @ 1MHz.
   
Features
• High performance LDO with 250mA guaranteed continuous output current
• Input voltage range: 1.5V to 5.5V
• Output voltage range: 1.2V to 3.3V
• High PSRR: 75dB @ 10kHz, 50dB @ 1MHz
• Low quiescent current: 35µA
• Dropout voltage: <150mV @ 250mA
• Stable with 1µF to 4.7µF output capacitance (±30%) with an ESR range of 5mΩ to 400m
• ±1.8% output accuracy over-temperature/load/line
• Soft-start limits input current surge during enable
• Current limit and overheat protection
• -40°C to +85°C operating temperature range
• Available in 0.975mmx1.155mm 4-bump WLCSP package and 1.6mmx1.6mm 6 Ld µTDFN
• Pb-free (RoHS compliant)
   
Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices including medical handheld
   




Similar Part No. - ISL9021AIRUJZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021AIRUJZ-T7A INTERSIL-ISL9021AIRUJZ-T7A Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
More results


Similar Description - ISL9021AIRUJZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com