Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002CIH326Z-TK Datasheet (PDF) - Renesas Technology Corp

ISL60002CIH326Z-TK Datasheet PDF - Renesas Technology Corp
Part # ISL60002CIH326Z-TK
Download  ISL60002CIH326Z-TK Download

File Size   2359.23 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Low Power FGA Voltage References

ISL60002CIH326Z-TK Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL60002CIH326Z-TK Datasheet PDF - Renesas Technology Corp

Part # ISL60002CIH326Z-TK
Download  ISL60002CIH326Z-TK Click to download

File Size   2359.23 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Low Power FGA Voltage References

ISL60002CIH326Z-TK Datasheet (HTML) - Renesas Technology Corp

Back Button ISL60002CIH326Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 9Page - Renesas Technology Corp ISL60002CIH326Z-TK Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL60002CIH326Z-TK Product details

The ISL60002 FGA voltage references are very high precision analog voltage references fabricated using the Renesas proprietary Floating Gate Analog (FGA) technology and feature low supply voltage operation at ultra-low 350nA operating current.

Features
• Reference voltages . . . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V, 2.5V, 2.6V, 3.0V, and 3.3V
• Absolute initial accuracy options . . . . . . . . .±1.0mV, ±2.5mV, and ±5.0mV
• Supply voltage range
    - ISL60002-10, -11, -12, -18, -20, -25 . . . . . . . . 2.7V to 5.5V
    - ISL60002-26 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V
    - ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
    - ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-low supply current. . . . . . . . . . . . . . . . . . . . . . .350nA typ
• Low 20ppm/°C temperature coefficient
• ISOURCE and ISINK = 7mA
• ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD protection . . . . . . . . . . . . . . . . 5.5V (Human Body Model)
• Standard 3 Ld SOT-23 packaging
• Operating temperature range
    - ISL60002-10, -11, -12, -18, -20, -25, -26, -30 . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
    - ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
• Pb-free (RoHS compliant)

Applications
• High resolution A/Ds and D/As
• Digital meters
• Bar code scanners
• Mobile communications
• PDAs and notebooks
• Medical systems




Similar Part No. - ISL60002CIH326Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002CIH326Z-TK INTERSIL-ISL60002CIH326Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
More results


Similar Description - ISL60002CIH326Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com