Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD41000FJ-C Datasheet (PDF) - Rohm

BD41000FJ-C Datasheet PDF - Rohm
Part # BD41000FJ-C
Download  BD41000FJ-C Download

File Size   2174.58 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CXPI Transceiver for Automotive

BD41000FJ-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD41000FJ-C Datasheet PDF - Rohm

Part # BD41000FJ-C
Download  BD41000FJ-C Click to download

File Size   2174.58 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CXPI Transceiver for Automotive

BD41000FJ-C Datasheet (HTML) - Rohm

Back Button BD41000FJ-C Datasheet HTML 1Page - Rohm BD41000FJ-C Datasheet HTML 2Page - Rohm BD41000FJ-C Datasheet HTML 3Page - Rohm BD41000FJ-C Datasheet HTML 4Page - Rohm BD41000FJ-C Datasheet HTML 5Page - Rohm BD41000FJ-C Datasheet HTML 6Page - Rohm BD41000FJ-C Datasheet HTML 7Page - Rohm BD41000FJ-C Datasheet HTML 8Page - Rohm BD41000FJ-C Datasheet HTML 9Page - Rohm BD41000FJ-C Datasheet HTML 10Page - Rohm Next Button 

BD41000FJ-C Product details

General Description
BD41000FJ-C is a transceiver for the CXPI (Clock Extension Peripheral Interface) communication. Switching between Master/Slave Mode can be done using external pin (MS pin).
Low power consumption during standby (non-communication) using Power Saving function. Arbitration function stops the data output upon detection of BUS data collision. Also Fail-safe function stops outputs upon detection of under voltage or temperature abnormality.

Features
■ AEC-Q100 Qualified (Note1)
■ CXPI standards Qualified
■ Transmission speed range from 5kbps to 20kbps
■ Master/Slave switching function
■ Microcontroller interface corresponds to 3.3V/5.0V
■ Built-in terminator (30kΩ)
■ Power saving function
■ Data arbitration function
■ Built-in Under Voltage Lockout (UVLO) function
■ Built-in Thermal Shutdown (TSD) function
■ Low EME(Electromagnetic Emission)
■ High EMI(Electromagnetic Immunity)
■ High ESD(Electrostatic Discharge) robustness
   (Note1: Grade 1)

Applications
■ Automotive networks




Similar Part No. - BD41000FJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD41001FJ-C ROHM-BD41001FJ-C Datasheet
1Mb / 25P
   CXPI Transceiver for Automotive
More results


Similar Description - BD41000FJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD41001FJ-C ROHM-BD41001FJ-C Datasheet
1Mb / 25P
   CXPI Transceiver for Automotive
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
   CAN Transceiver for Automotive
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41030FJ-C ROHM-BD41030FJ-C Datasheet
1Mb / 25P
   LIN Transceiver for Automotive
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
   CAN FD Transceiver for Automotive
logo
STMicroelectronics
STRADA431 STMICROELECTRONICS-STRADA431 Datasheet
163Kb / 6P
   24 GHz Transceiver MMIC for Automotive Radar Sensor
May 2019 Rev 4
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
   Automotive Audio Bus Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
   Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
   Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
   Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com