Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78XXAT Datasheet (PDF) - Fairchild Semiconductor

KA78XXAT Datasheet PDF - Fairchild Semiconductor
Part # KA78XXAT
Download  KA78XXAT Download

File Size   516.74 Kbytes
Page   28 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS

KA78XXAT Datasheet (PDF)

Go To PDF Page Download Datasheet
KA78XXAT Datasheet PDF - Fairchild Semiconductor

Part # KA78XXAT
Download  KA78XXAT Click to download

File Size   516.74 Kbytes
Page   28 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS

KA78XXAT Datasheet (HTML) - Fairchild Semiconductor

Back Button KA78XXAT Datasheet HTML 1Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 2Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 3Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 4Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 5Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 6Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 7Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 8Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 9Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA78XXAT Product details

General Description
The LM78XX series of three terminal positive regulators are available in the TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut down and safe operating area pro tection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external com ponents to obtain adjustable voltages and currents.

Features
■ Output Current up to 1A
■ Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24
■ Thermal Overload Protection
■ Short Circuit Protection
■ Output Transistor Safe Operating Area Protection




Similar Part No. - KA78XXAT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
More results


Similar Description - KA78XXAT

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com