Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX2088 Datasheet (PDF) - Omron Electronics LLC

EE-SX2088 Datasheet PDF - Omron Electronics LLC
Part # EE-SX2088
Download  EE-SX2088 Download

File Size   769.94 Kbytes
Page   3 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 0.5-mA output min. with only 1-mA forward LED current.

EE-SX2088 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE-SX2088 Datasheet PDF - Omron Electronics LLC

Part # EE-SX2088
Download  EE-SX2088 Click to download

File Size   769.94 Kbytes
Page   3 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 0.5-mA output min. with only 1-mA forward LED current.

EE-SX2088 Datasheet (HTML) - Omron Electronics LLC

EE-SX2088 Datasheet HTML 1Page - Omron Electronics LLC EE-SX2088 Datasheet HTML 2Page - Omron Electronics LLC EE-SX2088 Datasheet HTML 3Page - Omron Electronics LLC



Similar Part No. - EE-SX2088

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX298 OMRON-EE-SX298 Datasheet
219Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX298 OMRON-EE-SX298 Datasheet
261Kb / 4P
   Photomicrosensor (Transmissive)
More results


Similar Description - EE-SX2088

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   300 - 700 mA Output Current
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
PUI audio inc.
AT-1438-TWT-R PUIAUDIO-AT-1438-TWT-R Datasheet
974Kb / 3P
   14mm diameter transducer with 1 mA current draw
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com