Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11A0CFN3 Datasheet (PDF) - Motorola, Inc

MC68HC11A0CFN3 Datasheet PDF - Motorola, Inc
Part # MC68HC11A0CFN3
Download  MC68HC11A0CFN3 Download

File Size   776.99 Kbytes
Page   158 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Single-Chip Microcontroller

MC68HC11A0CFN3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11A0CFN3 Datasheet PDF - Motorola, Inc

Part # MC68HC11A0CFN3
Download  MC68HC11A0CFN3 Click to download

File Size   776.99 Kbytes
Page   158 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Single-Chip Microcontroller

MC68HC11A0CFN3 Datasheet (HTML) - Motorola, Inc

Back Button MC68HC11A0CFN3 Datasheet HTML 1Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 2Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 3Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 4Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 5Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 6Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 7Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 8Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 9Page - Motorola, Inc MC68HC11A0CFN3 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC11A0CFN3 Product details

Introduction
The MC68HC11A8, MC68HC11A1, and MC68HC11A0 high-performance microcontroller units (MCUs) are based on the M68HC11 Family. These high speed, low power consumption chips have multiplexed buses and a fully static design. The chips can operate at frequencies from 3 MHz to dc. The three MCUs are created from the same masks; the only differences are the value stored in the CONFIG register, and whether or not the ROM or EEPROM is tested and guaranteed.

Features
• M68HC11 CPU
• Power Saving STOP and WAIT Modes
• 8 Kbytes ROM
• 512 Bytes of On-Chip EEPROM
• 256 Bytes of On-Chip RAM (All Saved During Standby)
• 16-Bit Timer System
    — 3 Input Capture Channels
    — 5 Output Compare Channels
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog System
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• 8-Channel, 8-Bit Analog-to-Digital (A/D) Converter
• 38 General-Purpose Input/Output (I/O) Pins
    — 15 Bidirectional I/O Pins
    — 11 Input-Only Pins and 12 Output-Only Pins (Eight Output-Only Pins in 48-Pin Package)
• Available in 48-Pin Dual In-Line Package (DIP) or 52-Pin Plastic Leaded Chip Carrier (PLCC)




Similar Part No. - MC68HC11A0CFN3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11A0CFN3 FREESCALE-MC68HC11A0CFN3 Datasheet
6Mb / 124P
   ROM-based high-performance microcontrollers
More results


Similar Description - MC68HC11A0CFN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05BD3 MOTOROLA-MC68HC05BD3 Datasheet
864Kb / 112P
   HCMOS microcontroller
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com