Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL12-VY0DD Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-EL12-VY0DD Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-EL12-VY0DD
Download  HLMP-EL12-VY0DD Download

File Size   462.43 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps

HLMP-EL12-VY0DD Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-EL12-VY0DD Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL12-VY0DD
Download  HLMP-EL12-VY0DD Click to download

File Size   462.43 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps

HLMP-EL12-VY0DD Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL12-VY0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL12-VY0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 



Similar Part No. - HLMP-EL12-VY0DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL10 HP-HLMP-EL10 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EL10-11000 BOARDCOM-HLMP-EL10-11000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL10-11400 BOARDCOM-HLMP-EL10-11400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL10-12000 BOARDCOM-HLMP-EL10-12000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL10-12400 BOARDCOM-HLMP-EL10-12400 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Similar Description - HLMP-EL12-VY0DD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
HLMP-EL13-VY0DD AVAGO-HLMP-EL13-VY0DD Datasheet
511Kb / 11P
   HLMP-EGxx, HLMP-ELxx and HLMP-EHxx T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Fairchild Semiconductor
MV8140 FAIRCHILD-MV8140 Datasheet
243Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com