Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6241 Datasheet (PDF) - NTE Electronics

NTE6241 Datasheet PDF - NTE Electronics
Part # NTE6241
Download  NTE6241 Download

File Size   20.58 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Super Fast, Dual, Center Tap

NTE6241 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6241 Datasheet PDF - NTE Electronics

Part # NTE6241
Download  NTE6241 Click to download

File Size   20.58 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Super Fast, Dual, Center Tap

NTE6241 Datasheet (HTML) - NTE Electronics

NTE6241 Datasheet HTML 1Page - NTE Electronics NTE6241 Datasheet HTML 2Page - NTE Electronics

NTE6241 Product details

Features:

Dual Positive Center–Tap Rectifier Construction

Superfast 50ns Recovery Times

+175°C Operating Junction Temperature

High Temperature Glass Passivated Junction

High Voltage Capability to 600V

Low Leakage Specified at +150°C Case Temperature




Similar Part No. - NTE6241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE624 NTE-NTE624 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6240 NTE-NTE6240 Datasheet
20Kb / 2P
   Silicon Rectifier Super Fast, Dual, Center Tap
logo
Thinki Semiconductor Co...
NTE6240 THINKISEMI-NTE6240 Datasheet
236Kb / 2P
   16 Ampere Heatsink Package Dual Ultra Fast Recovery Half Bridge Rectifier
logo
NTE Electronics
NTE6244 NTE-NTE6244 Datasheet
20Kb / 2P
   Silicon Rectifier Super Fast, Dual, Center Tap
NTE6246 NTE-NTE6246 Datasheet
20Kb / 2P
   Ultrafast Switchmode Power Rectifier, 30 Amp
More results


Similar Description - NTE6241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6240 NTE-NTE6240 Datasheet
20Kb / 2P
   Silicon Rectifier Super Fast, Dual, Center Tap
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE627 NTE-NTE627 Datasheet
17Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE629 NTE-NTE629 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6251 NTE-NTE6251 Datasheet
19Kb / 2P
   Silicon Rectifier Dual, Positive Center Tap
logo
Solid States Devices, I...
RC0088 SSDI-RC0088 Datasheet
171Kb / 2P
   Hyper Fast Center tap Rectifier
RC0088 SSDI-RC0088_15 Datasheet
171Kb / 2P
   Hyper Fast Center tap Rectifier
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Surge Components
MBR1645CT SURGE-MBR1645CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR3045CT SURGE-MBR3045CT Datasheet
462Kb / 5P
   Dual rectifier construction, positive center tap
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com