Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR513PFRA Datasheet (PDF) - Rohm

2SCR513PFRA Datasheet PDF - Rohm
Part # 2SCR513PFRA
Download  2SCR513PFRA Download

File Size   1510.39 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (50V / 1A)

2SCR513PFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR513PFRA Datasheet PDF - Rohm

Part # 2SCR513PFRA
Download  2SCR513PFRA Click to download

File Size   1510.39 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (50V / 1A)

2SCR513PFRA Datasheet (HTML) - Rohm

2SCR513PFRA Datasheet HTML 1Page - Rohm 2SCR513PFRA Datasheet HTML 2Page - Rohm 2SCR513PFRA Datasheet HTML 3Page - Rohm 2SCR513PFRA Datasheet HTML 4Page - Rohm 2SCR513PFRA Datasheet HTML 5Page - Rohm 2SCR513PFRA Datasheet HTML 6Page - Rohm 2SCR513PFRA Datasheet HTML 7Page - Rohm 2SCR513PFRA Datasheet HTML 8Page - Rohm



Similar Part No. - 2SCR513PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR513P ROHM-2SCR513P Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
2SCR513P5 ROHM-2SCR513P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 1V)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
More results


Similar Description - 2SCR513PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
2SAR513P5 ROHM-2SAR513P5 Datasheet
1Mb / 9P
   Middle Power Transistors(-50V / -1A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
2SCR293PFRA ROHM-2SCR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (30V / 1A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-50V / -2A)
2SCR533PFRA ROHM-2SCR533PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 3A)
2SAR533PFRA ROHM-2SAR533PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -3A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 2A)
2SAR553R ROHM-2SAR553R Datasheet
1Mb / 9P
   PNP -2.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com