Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR542PFRA Datasheet (PDF) - Rohm

2SCR542PFRA Datasheet PDF - Rohm
Part # 2SCR542PFRA
Download  2SCR542PFRA Download

File Size   1401.96 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 30V Middle Power Transistor

2SCR542PFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR542PFRA Datasheet PDF - Rohm

Part # 2SCR542PFRA
Download  2SCR542PFRA Click to download

File Size   1401.96 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 30V Middle Power Transistor

2SCR542PFRA Datasheet (HTML) - Rohm

2SCR542PFRA Datasheet HTML 1Page - Rohm 2SCR542PFRA Datasheet HTML 2Page - Rohm 2SCR542PFRA Datasheet HTML 3Page - Rohm 2SCR542PFRA Datasheet HTML 4Page - Rohm 2SCR542PFRA Datasheet HTML 5Page - Rohm 2SCR542PFRA Datasheet HTML 6Page - Rohm 2SCR542PFRA Datasheet HTML 7Page - Rohm 2SCR542PFRA Datasheet HTML 8Page - Rohm 2SCR542PFRA Datasheet HTML 9Page - Rohm



Similar Part No. - 2SCR542PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR542P ROHM-2SCR542P Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
More results


Similar Description - 2SCR542PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
   NPN 5.0A 30V Middle Power Transistor
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
   NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
   PNP -5.0A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
   NPN 5.0A 80V Middle Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
   NPN 5.0A 30V Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
   NPN 5.0A 30V Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
   NPN 6A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com