Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F400CV-T60 Datasheet (PDF) - Intel Corporation

E28F400CV-T60 Datasheet PDF - Intel Corporation
Part # E28F400CV-T60
Download  E28F400CV-T60 Download

File Size   638.12 Kbytes
Page   55 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY

E28F400CV-T60 Datasheet (PDF)

Go To PDF Page Download Datasheet
E28F400CV-T60 Datasheet PDF - Intel Corporation

Part # E28F400CV-T60
Download  E28F400CV-T60 Click to download

File Size   638.12 Kbytes
Page   55 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY

E28F400CV-T60 Datasheet (HTML) - Intel Corporation

Back Button E28F400CV-T60 Datasheet HTML 1Page - Intel Corporation E28F400CV-T60 Datasheet HTML 2Page - Intel Corporation E28F400CV-T60 Datasheet HTML 3Page - Intel Corporation E28F400CV-T60 Datasheet HTML 4Page - Intel Corporation E28F400CV-T60 Datasheet HTML 5Page - Intel Corporation E28F400CV-T60 Datasheet HTML 6Page - Intel Corporation E28F400CV-T60 Datasheet HTML 7Page - Intel Corporation E28F400CV-T60 Datasheet HTML 8Page - Intel Corporation E28F400CV-T60 Datasheet HTML 9Page - Intel Corporation E28F400CV-T60 Datasheet HTML 10Page - Intel Corporation Next Button 

E28F400CV-T60 Product details

PRODUCT FAMILY OVERVIEW
This datasheet contains the specifications for the two branches of products in the SmartVoltage 2-Mbit boot block flash memory family. These -BV/CV suffix products offer 3.0 V–3.6 V operation and also operate at 5 V for high-speed access times. Throughout this datasheet, the 28F200 refers to all x8/x16 2-Mbit products, while 28F002B refers to all x8 2-Mbit boot block products. Section 1.0 provides an overview of the flash memory family including applications, pinouts and pin descriptions. Sections 2.0 and 3.0 describe the memory organization and operation for these products. Section 4.0 contains the family’s operating specifications. Finally, Sections 5.0 and 6.0 provide ordering and document reference information.

■ Intel SmartVoltage Technology
    - 5 V or 12 V Program/Erase
    - 3.3 V or 5 V Read Operation
■ Very High-Performance Read
    - 5 V: 60 ns Access Time
    - 3 V: 110 ns Access Time
■ Low Power Consumption
    - Max 60 mA Read Current at 5 V
    - Max 30 mA Read Current at 3.3 V–3.6 V
■ x8/x16-Selectable Input/Output Bus
    - 28F200 for High Performance 16- or 32-bit CPUs
■ x8-Only Input/Output Architecture
    - 28F002B for Space-Constrained 8-bit Applications
■ Optimized Array Blocking Architecture
    - One 16-KB Protected Boot Block
    - Two 8-KB Parameter Blocks
    - 96-KB and 128-KB Main Blocks
    - Top or Bottom Boot Locations
■ Extended Temperature Operation
    - –40 °C to +85 °C
■ Extended Block Erase Cycling
    - 100,000 Cycles at Commercial Temp
    - 10,000 Cycles at Extended Temp
■ Automated Word/Byte Program and Block Erase
    - Command User Interface
    - Status Registers
    - Erase Suspend Capability
■ SRAM-Compatible Write Interface
■ Automatic Power Savings Feature
■ Reset/Deep Power-Down Input
    - 0.2 µA ICCTypical
    - Provides Reset for Boot Operations
■ Hardware Data Protection Feature
    - Absolute Hardware-Protection for Boot Block
    - Write Lockout during Power Transitions
■ Industry-Standard Surface Mount Packaging
    - 40-, 48-, 56-Lead TSOP
    - 44-Lead PSOP
■ Footprint Upgradeable to 4-Mbit and 8-Mbit Boot Block Flash Memories
■ ETOX™ IV Flash Technology




Similar Part No. - E28F400CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F400CVB60 INTEL-E28F400CVB60 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400CVB80 INTEL-E28F400CVB80 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400CVT60 INTEL-E28F400CVT60 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400CVT80 INTEL-E28F400CVT80 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Similar Description - E28F400CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com