Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4685 Datasheet (PDF) - Fairchild Semiconductor

FDS4685 Datasheet PDF - Fairchild Semiconductor
Part # FDS4685
Download  FDS4685 Download

File Size   506.52 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V P-Channel PowerTrench MOSFET

FDS4685 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4685 Datasheet PDF - Fairchild Semiconductor

Part # FDS4685
Download  FDS4685 Click to download

File Size   506.52 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V P-Channel PowerTrench MOSFET

FDS4685 Datasheet (HTML) - Fairchild Semiconductor

FDS4685 Datasheet HTML 1Page - Fairchild Semiconductor FDS4685 Datasheet HTML 2Page - Fairchild Semiconductor FDS4685 Datasheet HTML 3Page - Fairchild Semiconductor FDS4685 Datasheet HTML 4Page - Fairchild Semiconductor FDS4685 Datasheet HTML 5Page - Fairchild Semiconductor

FDS4685 Product details

General Description

This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gate drive voltage ratings (4.5V – 20V).



Features

■–8.2 A, –40 V RDS(ON)= 0.027 Ω@ VGS= –10 V

                     RDS(ON)= 0.035 Ω@ VGS= –4.5 V

■Fast switching speed

■High performance trench technology for extremely lowRDS(ON)

■High power and current handling capability




Similar Part No. - FDS4685

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FDS4685 TECHPUBLIC-FDS4685 Datasheet
3Mb / 5P
   P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Similar Description - FDS4685

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com