Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6699S Datasheet (PDF) - Fairchild Semiconductor

FDS6699S Datasheet PDF - Fairchild Semiconductor
Part # FDS6699S
Download  FDS6699S Download

File Size   526.65 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDS6699S Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6699S Datasheet PDF - Fairchild Semiconductor

Part # FDS6699S
Download  FDS6699S Click to download

File Size   526.65 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDS6699S Datasheet (HTML) - Fairchild Semiconductor

FDS6699S Datasheet HTML 1Page - Fairchild Semiconductor FDS6699S Datasheet HTML 2Page - Fairchild Semiconductor FDS6699S Datasheet HTML 3Page - Fairchild Semiconductor FDS6699S Datasheet HTML 4Page - Fairchild Semiconductor FDS6699S Datasheet HTML 5Page - Fairchild Semiconductor FDS6699S Datasheet HTML 6Page - Fairchild Semiconductor

FDS6699S Product details

General Description
The FDS6699S is designed to replace a single SO-8 MOSFET and Schottky diode in synchronous DC:DC power supplies. This 30V MOSFET is designed to maximize power conversion efficiency, providing a low RDS(ON) and low gate charge. The FDS6699S includes an integrated Schottky diode using Fairchild’s monolithic SyncFET technology.

Features
■ 21 A, 30 V Max RDS(ON) = 3.6 mΩ @ VGS = 10 V Max RDS(ON) = 4.5 mΩ @ VGS = 4.5 V
■ Includes SyncFET Schottky body diode
■ High performance trench technology for extremely low RDS(ON) and fast switching
■ High power and current handling capability
■ 100% RG (Gate Resistance) tested

Applications
■ Synchronous Rectifier for DC/DC Converters –
    ■ Notebook Vcore low side switch
    ■ Point of Load low side switch




Similar Part No. - FDS6699S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS6699S-NL VBSEMI-FDS6699S-NL Datasheet
997Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS6699S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com