Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCOCXOHW Datasheet (PDF) - Golledge Electronics Ltd

SCOCXOHW Datasheet PDF - Golledge Electronics Ltd
Part # SCOCXOHW
Download  SCOCXOHW Download

File Size   559.62 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V High Frequency Fundamental CMOS OCXO

SCOCXOHW Datasheet (PDF)

Go To PDF Page Download Datasheet
SCOCXOHW Datasheet PDF - Golledge Electronics Ltd

Part # SCOCXOHW
Download  SCOCXOHW Click to download

File Size   559.62 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V High Frequency Fundamental CMOS OCXO

SCOCXOHW Datasheet (HTML) - Golledge Electronics Ltd

SCOCXOHW Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOHW Datasheet HTML 2Page - Golledge Electronics Ltd SCOCXOHW Datasheet HTML 3Page - Golledge Electronics Ltd SCOCXOHW Datasheet HTML 4Page - Golledge Electronics Ltd SCOCXOHW Datasheet HTML 5Page - Golledge Electronics Ltd



Similar Part No. - SCOCXOHW

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHWT-AR110 MICROCRYSTAL-SCOCXOHWT-AR110 Datasheet
329Kb / 3P
   HC-MOS output 10 to 120 MHz
SCOCXOHWT-AR1100 MICROCRYSTAL-SCOCXOHWT-AR1100 Datasheet
329Kb / 3P
   HC-MOS output 10 to 120 MHz
SCOCXOHWT-AR1108 MICROCRYSTAL-SCOCXOHWT-AR1108 Datasheet
329Kb / 3P
   HC-MOS output 10 to 120 MHz
SCOCXOHWT-AR1120 MICROCRYSTAL-SCOCXOHWT-AR1120 Datasheet
329Kb / 3P
   HC-MOS output 10 to 120 MHz
SCOCXOHWT-AR120 MICROCRYSTAL-SCOCXOHWT-AR120 Datasheet
329Kb / 3P
   HC-MOS output 10 to 120 MHz
More results


Similar Description - SCOCXOHW

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHV GOLLEDGE-SCOCXOHV Datasheet
559Kb / 5P
   5.0V High Frequency Fundamental CMOS OCXO
GVXO46 GOLLEDGE-GVXO46 Datasheet
62Kb / 1P
   3.3V VCXO High Frequency Fundamental
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
574Kb / 5P
   High Frequency Fundamental Mode 3.3V VCXO
MCOCXOW GOLLEDGE-MCOCXOW_15 Datasheet
150Kb / 2P
   3.3V OCXO CMOS Output
MCOCXOW GOLLEDGE-MCOCXOW_18 Datasheet
556Kb / 5P
   3.3V OCXO with CMOS Output
logo
RFX Ltd.
OS560-1005-025 RFX-OS560-1005-025 Datasheet
226Kb / 2P
   10 MHz OCXO CMOS Oscillator 3.3V
Issue 2; 6th May 2022
logo
Golledge Electronics Lt...
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
   3.3V OCXO CMOS Output Tight Stability
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
   3.3V OCXO CMOS Output Stratum 3
SCOCXOWT GOLLEDGE-SCOCXOWT Datasheet
144Kb / 2P
   3.3V OCXO CMOS Output Tight Stability
logo
RFX Ltd.
OS560-1005-023 RFX-OS560-1005-023 Datasheet
227Kb / 2P
   10 MHz OCXO CMOS Oscillator 3.3V
Issue 2; 6th May 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com