Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8831-24 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8831-24 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8831-24
Download  AOZ8831-24 Download

File Size   310.57 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bi-directional TVS Diode

AOZ8831-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8831-24 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8831-24
Download  AOZ8831-24 Click to download

File Size   310.57 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bi-directional TVS Diode

AOZ8831-24 Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8831-24 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8831-24 Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOZ8831-24 Product details

General Description
The AOZ8831-24 is an ultra low capacitance one-line bi-directional transient voltage suppressor diode designed to protect high speed data lines and voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one TVS diode in an ultra-small DFN 1.0 x 0.6 package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±13kV contact discharge).
The AOZ8831-24 comes in an RoHS compliant DFN package and is rated over a -40°C to +85°C ambient temperature range.
The ultra-small 1.0 x 0.6 x 0.4mm DFN package makes it ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting voltage sensitive electronics from high transient conditions and ESD.

Features
● ESD protection for high-speed data lines:
   – Exceeds: IEC 61000-4-2 (ESD) ±15kV (air),
      ±13kV (contact)
   – Human Body Model (HBM) ±15kV
● Small package saves board space
● Ultra low capacitance: 0.35pF
● Low clamping voltage
● Operating voltage: 24V
● Pb-free device

Applications
● Portable handheld devices
● Notebook computers
● Digital Cameras
● Portable GPS




Similar Part No. - AOZ8831-24

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
More results


Similar Description - AOZ8831-24

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8831 AOSMD-AOZ8831 Datasheet
314Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8131 AOSMD-AOZ8131 Datasheet
247Kb / 6P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
WE05DUCMS-B LEIDITECH-WE05DUCMS-B Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com