Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16TDR2 Datasheet (PDF) - ON Semiconductor

MC100EP16TDR2 Datasheet PDF - ON Semiconductor
Part # MC100EP16TDR2
Download  MC100EP16TDR2 Download

File Size   75.66 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination

MC100EP16TDR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EP16TDR2 Datasheet PDF - ON Semiconductor

Part # MC100EP16TDR2
Download  MC100EP16TDR2 Click to download

File Size   75.66 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination

MC100EP16TDR2 Datasheet (HTML) - ON Semiconductor

MC100EP16TDR2 Datasheet HTML 1Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 2Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 3Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 4Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 5Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 6Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 7Page - ON Semiconductor MC100EP16TDR2 Datasheet HTML 8Page - ON Semiconductor

MC100EP16TDR2 Product details

Description

The EP16T is a world−class differential receiver/driver. The device is functionally equivalent to the EP16 with internal termination resistors. A 50  resistor is connected from the D input to the VT pin and from the D input to the VT pin. Tie the VT and VT pins to VTT supply (VCC − 2 V) for parallel termination or connect VT and VT pins for 100  input series termination. Special considerations are required for differential inputs under No Signal conditions to prevent instability.

The 100 Series contains temperature compensation.



Features

• 220 ps Typical Propagation Delay

• Maximum Frequency > 3 GHz Typical

• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V

• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V

• Internal 50  Termination Resistors

• Pb−Free Packages are Available




Similar Part No. - MC100EP16TDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16TDR2 ONSEMI-MC100EP16TDR2 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16TDR2G ONSEMI-MC100EP16TDR2G Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16TDR2G ONSEMI-MC100EP16TDR2G Datasheet
191Kb / 11P
   ECL Differential Receiver/Driver
July, 2016 ??Rev. 7
More results


Similar Description - MC100EP16TDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP52 ONSEMI-MC100EP52 Datasheet
83Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination Data and Clock D Flip-Flop
June, 2004 ??Rev. 3
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com