Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7852G Datasheet (PDF) - NEC

MC-7852G Datasheet PDF - NEC
Part # MC-7852G
Download  MC-7852G Download

File Size   22.39 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CATV 18 dB PUSH-PULL AMPLIFIER

MC-7852G Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7852G Datasheet PDF - NEC

Part # MC-7852G
Download  MC-7852G Click to download

File Size   22.39 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CATV 18 dB PUSH-PULL AMPLIFIER

MC-7852G Datasheet (HTML) - NEC

MC-7852G Datasheet HTML 1Page - NEC MC-7852G Datasheet HTML 2Page - NEC

MC-7852G Product details

DESCRIPTION
The MC-7852 is a GaAs hybrid integrated circuit designed to be used as the input device in CATV applications up to 860 MHz. This unit has a minimum gain of 18 dB at 860 MHz, and because it is a GaAs device, it has lower distortion and lower noise figure. Reliability is assured by NECs stringent quality and process control procedures. Devices are assembled and tested using fully automated equipment to maximize the consistency in part to part performance.

FEATURES
• GALLIUM ARSENIDE ACTIVE DEVICES
• LOW DISTORTION
• LOW NOISE FIGURE
   (6.4 dB TYP at 860 MHz)
• HIGH RELIABILITY
   (FIT = 125 at heat sink temperature of 100°C, Report available)
• INDUSTRY COMPATIBLE PACKAGE




Similar Part No. - MC-7852G

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
More results


Similar Description - MC-7852G

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7852 CEL-MC-7852 Datasheet
24Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
MC-7852G CEL-MC-7852G Datasheet
25Kb / 2P
   CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7856 NEC-MC-7856 Datasheet
23Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7856G CEL-MC-7856G Datasheet
26Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
logo
NEC
MC7856 NEC-MC7856 Datasheet
21Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7856 CEL-MC-7856 Datasheet
25Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com