Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50FH-XXX-50 Datasheet (PDF) - JFW Industries, Inc.

50FH-XXX-50 Datasheet PDF - JFW Industries, Inc.
Part # 50FH-XXX-50
Download  50FH-XXX-50 Download

File Size   26.88 Kbytes
Page   1 Pages
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.
Description 1 through 50 dB in any 1 dB increment

50FH-XXX-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
50FH-XXX-50 Datasheet PDF - JFW Industries, Inc.

Part # 50FH-XXX-50
Download  50FH-XXX-50 Click to download

File Size   26.88 Kbytes
Page   1 Pages
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.
Description 1 through 50 dB in any 1 dB increment

50FH-XXX-50 Datasheet (HTML) - JFW Industries, Inc.

50FH-XXX-50 Datasheet HTML 1Page - JFW Industries, Inc.



Similar Part No. - 50FH-XXX-50

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50FH-XXX-50-3 JFW-50FH-XXX-50-3 Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Similar Description - 50FH-XXX-50

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7395-1 PASTERNACK-PE7395-1 Datasheet
206Kb / 3P
   1 dB Fixed Attenuator
logo
Vishay Barry
ATC2010CT-0100JN-93 BARRY-ATC2010CT-0100JN-93 Datasheet
122Kb / 1P
   1 dB CHIP ATTENUATOR
Rev. A
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
logo
Continental Device Indi...
DB-1 CDIL-DB-1 Datasheet
145Kb / 3P
   DB-1 Leaded Plastic Package
logo
Vishay Barry
A0100-100-9X BARRY-A0100-100-9X Datasheet
87Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Rev. A
logo
Analog Devices
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
logo
Pasternack Enterprises,...
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
logo
Vishay Barry
A0100-40-1X BARRY-A0100-40-1X Datasheet
184Kb / 1P
   BeO 1 dB FLANGED ATTENUATOR
Revision Date 07/16/08
ABC2335CT-0100GN-99 BARRY-ABC2335CT-0100GN-99 Datasheet
177Kb / 1P
   BeO 1 dB CHIP ATTENUATOR
Revision Date 07/17/08
logo
Pasternack Enterprises,...
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
More results




About JFW Industries, Inc.


JFW Industries, Inc. is a US-based company that designs and manufactures a wide range of RF (radio frequency) and microwave components, including RF switches, attenuators, and power dividers. The company was founded in 1979 and is headquartered in Indianapolis, Indiana, USA.

JFW's products are used in a variety of industries, including telecommunications, defense, aerospace, medical, and scientific research. The company's RF switches and attenuators are available in various configurations, including manual, electromechanical, and solid-state. JFW also offers customized solutions to meet specific customer requirements.

In addition to its standard product lines, JFW Industries provides engineering services for custom designs and modifications. The company has a strong focus on quality and reliability, and its products are known for their performance, durability, and consistency. JFW Industries serves customers worldwide and has a global network of distributors and representatives.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com