Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7062 Datasheet (PDF) - NTE Electronics

NTE7062 Datasheet PDF - NTE Electronics
Part # NTE7062
Download  NTE7062 Download

File Size   23.85 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CRT Display Synchronization Deflection Circuit

NTE7062 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7062 Datasheet PDF - NTE Electronics

Part # NTE7062
Download  NTE7062 Click to download

File Size   23.85 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CRT Display Synchronization Deflection Circuit

NTE7062 Datasheet (HTML) - NTE Electronics

NTE7062 Datasheet HTML 1Page - NTE Electronics NTE7062 Datasheet HTML 2Page - NTE Electronics NTE7062 Datasheet HTML 3Page - NTE Electronics

NTE7062 Product details

Description:

The NTE7062 is a sync deflection circuit in a 20–Lead DIP type package. When used in combination with the NTE1773 or the NTE1797 (for vertical output use) this device forms a sync–deflection circuit that meets every requirement for CRT display use.

So far, ICs for color TV use have been applied to the sync–deflection circuit for CRT display use and general purpose ICs such as one–shot multivibrators, inverters, and a lot of transistors have been used to form the peripherals such as sync input interface, horizontal phase shifter. The NTE7062 contains these peripherals on chip and adopts a stable circuit for horizontal oscillation from 15kHz to 100kHz aiming at improving the characteristics required for CRT display use.



Features:

• The Vertical Pull–In Range is Approximately 20Hz at Vertical Sync 50Hz/60Hz.

• The Horizontal Oscillation Frequency can be Adjusted Stably from 15kHz to 100kHz.

• The Horizontal Display can be Shifted Right/Left.

• The Horizontal/Vertical Sync Input can be Used Intact Regardless of the Difference in Pulse Polarity and Pulse Width.

• The AFC Feedback Sawtooth Wave can be Obtained by Simply Applying a Flyback Pulse to the IC as a Trigger Pulse.

• Any Duty of the Horizontal Pulse can be Set.

• Good Vertical Linearity because DC Bias at Vertical Output Stage is Subjected to Sampling Control Within Retrace Time.



On–Chip Functions:

Horizontal Block

• AFC

• Horizontal OSC

• X–Ray Protector

• Horizontal Phase Shifter

• AFC Sawtooth Wave Generator

• Horizontal Pulse Duty Setting



Vertical Block

• Vertical OSC

• Vertical Sawtooth Wave Generator

• Sampling Type DC Voltage Control



 




Similar Part No. - NTE7062

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
   Integrated Circuit Bridge Driver for DC Motor Control
NTE7067 NTE-NTE7067 Datasheet
19Kb / 2P
   Integrated Circuit Audio IF Detector for High Quality Multi-Channel TV & VCR
More results


Similar Description - NTE7062

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
logo
Sanyo Semicon Device
LA7852 SANYO-LA7852 Datasheet
82Kb / 5P
   CRT Display Synchronization Deflection Circuit
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
   CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
   CRT Display Synchronization Deflection Circuit
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
   CRT Display Synchronization Deflection Circuit????
LA7824 SANYO-LA7824 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit???
LA7823 SANYO-LA7823 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit?
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
NTE7039 NTE-NTE7039 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
logo
Sanyo Semicon Device
LA7811 SANYO-LA7811 Datasheet
336Kb / 7P
   COLOR TV SYNCHRONIZATION DEFLECTION CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com